Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
57
Version: DM9102A-DS-F03
August 28, 2000
Serial Management Interface
The serial management interface uses a simple, two-wired
serial interface to obtain and control the status of PHY
management register set through an MDC and MDIO. The
Management Data Clock (MDC) is equipped with a
maximum clock rate of 2.5MHz, while Management Data
Input /Output (MDIO) works as a bi-directional, shared by up
to 32 devices.
In read/write operation, the management data frame is 64-
bit long start with 32 contiguous logic one bits (preamble)
synchronization clock cycles on MDC. The Start of Frame
Delimiter (SFD) is indicated by a <01> pattern followed by
the operation code (OP):<10> indicates Read operation and
<01> indicates Write operation. For read operation, a 2-bit
turnaround (TA) filing between Resistor Address field and
Data field is provided for MDIO toavoid contention. “Z”
stands for the state of high impedance. Following
turnaround time, a 16-bit data is read from or written onto
management registers.
Management Interface - Read Frame Structure
32 "1"s
0110
A 4
A 3
A 0
R 4
R 3
R 0
Z
0
Idle
Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Read
Write
MDC
MDIO Read
D15
D14
D 1
D 0
//
//
Management Interface - Write Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
1
0
D15
D14
D1
D0
Idle
Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Write
MDC
MDIO Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com