Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9102AF Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
2
Final
Version: DM9102A-DS-F03
August 28, 2000
Table of Contents
General Description ............................................................. 1
Block Diagram...................................................................... 1
Features ............................................................................... 4
Pin Configuration: DM9102A 128pin QFP.......................... 5
Pin Configuration: DM9102A 128pin TQFP ....................... 6
Pin Description ..................................................................... 7
- PCI Bus and CardBus Interface Signals......................... 7
- Boot ROM and EEPROM Interface ................................ 8
T Multiplex Mode ................................................................8
T Direct Mode....................................................................10
- LED Pins......................................................................... 11
- Network Interface ........................................................... 12
- Miscellaneous Pins......................................................... 12
- Power Pins ..................................................................... 13
- Note: LED Mode ............................................................ 13
Register Definition.............................................................. 14
✧ PCI Configuration Registers.......................................... 14
Key to Default..................................................................... 14
T Identification ID...............................................................15
T Command & Status........................................................15
T Revision ID.....................................................................17
T Miscellaneous Function .................................................18
T I/O Base Address...........................................................18
T Memory Mapped Base Address....................................19
T Subsystem Identification................................................19
T CardBus CIS Pointer......................................................20
T Expansion ROM Base Address.....................................21
T Capabilities Pointer.........................................................21
T Interrupt & Latency Configuration..................................22
T Device Specific Configuration Register.........................22
T Power Management Register........................................23
T Power Management Control/Status..............................24
✧ Control and Status Register (CR).................................. 25
Key to Default..................................................................... 25
1. System Control Register (CR0)..................................... 26
2. Transmit Descriptor Poll Demand (CR1) ...................... 27
3. Receive Descriptor Poll Demand (CR2) ....................... 27
4. Receive Descriptor Base Address (CR3) ..................... 27
5. Transmit Descriptor Base Address (CR4) .................... 28
6. Network Status Report Register (CR5)......................... 28
7. Network Operation Register (CR6)............................... 30
8. Interrupt Mask Register (CR7)...................................... 32
9. Statistical Counter Register (CR8) ................................ 33
10. PROM & Management Access Register (CR9) ........ 34
11. Programming ROM Address Register (CR10) .......... 35
12. General Purpose Timer Register (CR11)................... 35
13. PHY Status Register (CR12) ...................................... 35
14. Sample Frame Access Register (CR13).................... 36
15. Sample Frame Data Register (CR14) ........................ 36
16. Watching & Jabber Timer Register (CR15)................ 36
✧ CardBus Status Changed Register .............................. 39
1. Function Event Register: (offset 80h)............................ 39
2. Function Event Mask Register: (offset 84h).................. 39
3. Function Present State Register: (offset 88h)............... 39
4. Function Force Event Register: (offset 8Ch) ................ 40
✧ PHY Management Register Set ................................... 41
Key To Default ................................................................... 41
Basic Mode Control Register (BMCR)
- Register 0......................................................................... 42
Basic Mode Status Register (BMSR)
- Register 1......................................................................... 43
PHY ID Identifier Register #1 (PHYIDR1)
- Register 2......................................................................... 44
PHY ID Identifier Register #2 (PHYIDR2)
- Register 3......................................................................... 44
Auto-negotiation Advertisement Register (ANAR)
- Register 4......................................................................... 44
Auto-negotiation Link Partner Ability Register (ANLPAR) -
Register 5........................................................................... 45
Auto-negotiation Expansion Register (ANER)
- Register 6......................................................................... 46
DAVICOM Specified Configuration Register (DSCR)
- Register 10....................................................................... 46
DAVICOM Specified Configuration and Status Register
(DSCSR) - Register 11...................................................... 47
10Base-T Configuration/Status (10BTSCRCSR)
- Register 12....................................................................... 48
Functional Description ....................................................... 49
✧ System Buffer Management ......................................... 49
1. Overview........................................................................ 49
2. Data Structure and Descriptor List ................................ 49
3. Buffer Management: Chain Structure Method.............. 49
5. Descriptor List: Buffer Descriptor Format...................... 49
(a). Receive Descriptor Format......................................... 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com