Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
16
Final
Version: DM9102A-DS-F03
August 28, 2000
Bit
Default
Type
Description
31
0
R/C
Detected Parity Error
The DM9102A samples the AD[0:31], C/BE[0:3]#, and the PAR signal to
check parity and to set parity errors. Inslave mode, the parity check falls
on command phase and data valid phase (IRDY# and TRDY# both
active). While in master mode, the DM9102A will check during each data
phase of a memory read cycle for a parity error During a memory write
cycle, if an error occurs, the PERR# signal will be driven by the target. This
bit is set by the DM9102A and cleared by writing "1". There is no effect by
writing "0".
30
0
R/C
Signal For System Error
This bit is set when the SERR# signal is driven by the DM9102A. This
system error occurs when an address parity is detected under the
condition that bit 8 and bit 6 in command register below are set.
29
0
R/C
Master Abort Detected
This bit is set when the DM9102A terminates a master cycle with the
master-abort bus transaction.
28
0
R/C
Target Abort Detected
This bit is set when the DM9102A terminates a master cycle due to a
target-abort signal from other targets.
27
0
R/C
Send Target Abort (0 For No Implementation)
The DM9102A will never assert the target-abort sequence.
26:25
01
R/C
DEVSEL Timing (01 Select Medium Timing)
Medium timing of DEVSEL# means the DM9102A will assert DEVSEL#
signal two clocks after FRAME# is sample “asserted.”
24
0
R/C
Data Parity Error Detected
This bit will take effect only when operating as a master and when a Parity
Error Response Bit in command configuration register is set. It is set under
two conditions:
(i) PERR# asserted by the DM9102A in memory data read error, (ii)
PERR# sent from the target due to memory data write error.
23
0
RO
Slave mode Fast Back-To-Back Capable (0 For Not Support)
This bit is always reads "1" to indicate that the DM9102A is capable of
accepting fast back-to-back transaction as aslave mode device.
22
0
RO
User-Definable-Feature Supported (0 For Not Support)
21
0
RO
66 MHz Capable (0 For No Capability)
20
1
RO
New Capabilities (1 For Good Capability)
This bit indicates whether this function implements a list of extended
capabilities such as PCI power management. When set this bit indicates
the presence of New Capabilities. A value of 0 means that this function
does not implement New Capabilities.
19:10
0
RO
Reserved
9
0
RO
Master Mode Fast Back-To-Back (0 For Not Support)
The DM9102A does not support master mode fast back-to-back capability
and will not generate fast back-to-back cycles.
8
0
RW
SERR# Driver Enable/Disable
This bit controls the assertion of SERR# signal output. The SERR# output
will be asserted on detection of an address parity error and if both this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com