Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
34
Final
Version: DM9102A-DS-F03
August 28, 2000
16
RXPS
0,RO
Receive Missed Counter Overflow
This bit is set when the Receive Missed Frame Counter (RXCI) has an overflow
condition. It is a read only register bit.
15:0
RXCI
0,RO
Receive Missed Frame Counter
This is a statistic counter to indicate the Receive Missed Frame Count when there is
a host buffer unavailable condition for receive process.
10. PROM & Management Access Register (CR9)
31
30
29
28
27 26
25
24
23
22
21 20
19
18
17
16
15
14
13
12
11 10
987
6
5
4
3
2
1
0
Bit
Name
Default
Description
31:22
Undefined
X,RO
Undefined
21
LES
0,RO
Load EEPROM status
It is set to indicate the load of EEPROM is finished.
20
RLM
0,RW
Reload EEPROM
It is set to reload the content of EEPROM.
19
MDIN
0,RO
MII Management Data_In
This is read only bit to indicate the MDIO input data.
18
MRW
0,RW
MII Management Read/Write Mode Selection
This bit defines the Read/Write Mode for MII management interface for PHY
access.
17
MDOUT
0,RW
MII Management Data_Out
This bit is used to generate the output datasignal for the MDIO pin.
16
MDCLK
0,RW
MII Management Clock
This bit is used to generate the output clock signal for the MDC pin.
15
MBO
1,RO
Must be One.
14
MRC
0,RW
Memory Read Control
This bit is set to perform the read operation for the Boot PROM or EEPROM
access.
13
EWC
0,RW
Memory Write Control
This bit is set to perform the write operation for the Boot PROM (Multiplex mode) or
EEPROM access.
12
BRS
1,RW
Boot ROM Selected
This bit is set to select the Boot ROM access for memory interface.
11
ERS
0,RW
EEPROM Selected
This bit is set to select the EEPROM access for memory interface.
10
XRS
1,RW
External Register Selected
This bit is set to select an external register.
9:8
MBO
1,RO
Must be One
7:0
DATA
1,RW
Data input/output of Boot ROM
This field contains the data which reads from or write to the Boot ROM when the
Boot ROM mode is selected. ( CR9<12> = 1 )
If EEPROM is selected ( CR9<11> = 1 ), then CR9<3:0> are connected the serial
ROM control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com