Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 17Page - PMC-Sierra, Inc PM8313 Datasheet HTML 18Page - PMC-Sierra, Inc PM8313 Datasheet HTML 19Page - PMC-Sierra, Inc PM8313 Datasheet HTML 20Page - PMC-Sierra, Inc PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
11
DESCRIPTION
The PM8313 D3MX M13 Multiplexer supports asynchronous multiplexing and
demultiplexing of 28 DS1s, 21 E1s or 7 DS2s into a DS3 signal. The device
supports ANSI T1.107, Bell Communications Research TR-TSY-000009 and
CCITT Recommendation G.747 standards.
Receive DS3 framing is provided by the DS3 FRMR Framer Block. The FRMR
accepts either a B3ZS encoded bipolar, or a unipolar signal compatible with M23
and C-bit parity applications. The FRMR frames to a DS3 signal with a maximum
average reframe time of 1.5 ms in the presence of a 10-3 bit error rate. The
FRMR indicates line code violations, loss of signal, framing bit errors, parity
errors, C-bit parity errors, and far end block errors (FEBE). The FRMR detects
far end receive failure (X-bits set to 0), the alarm indication signal (AIS), and the
idle signal. The FRMR is an off-line framer, indicating both out of frame (OOF)
and change of frame alignment (COFA) events. The error events (FER, CBIT
PARITY ERROR, FEBE, etc.) are still indicated while the framer is OOF, based
on the previous frame alignment.
The C-bit parity far end alarm channel (FEAC) and path maintenance data link
are supported. Bit oriented codes in the FEAC channel are detected by the
RBOC Bit-Oriented Code Receiver Block. If enabled, the RBOC generates an
interrupt when a valid code has been received. The path maintenance data link is
terminated using either the RFDL Data Link Receiver Block or an external HDLC
receiver. The RFDL supports polled, interrupt driven, and DMA servicing.
DS3 error event accumulation is provided by the DS3 PMON Performance
Monitor Block. The PMON accumulates framing bit errors, line code violations,
excessive zeros occurrences, parity errors, C-bit parity errors, and far end block
errors. Error accumulation continues even while the off-line framer is indicating
OOF. The counters are intended to be polled once per second, and are sized so
as not to saturate at a 10-3 bit error rate. Transfer of count values to holding
registers is initiated through the microprocessor interface.
DS3 transmit framing insertion is provided by the DS3 TRAN Transmitter Block. It
outputs either a B3ZS encoded bipolar signal, or a unipolar signal. The DS3
TRAN inserts the X, P, M, C, and F bits into the outgoing DS3 stream. The DS3
TRAN block inserts far end receive failure, AIS, and the idle signal under the
control of external inputs, or internal register bits. Diagnostic features are
provided to allow the generation of line code violation error events, parity error
events, framing bit error events, and when enabled for the C-bit parity
application, C-bit parity error events, and far end block error events. External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com