Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 65Page - PMC-Sierra, Inc PM8313 Datasheet HTML 66Page - PMC-Sierra, Inc PM8313 Datasheet HTML 67Page - PMC-Sierra, Inc PM8313 Datasheet HTML 68Page - PMC-Sierra, Inc PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc PM8313 Datasheet HTML 70Page - PMC-Sierra, Inc PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
59
Register 04H: Master Loopback Configuration
Bit
Type
Function
Default
Bit7
Unused
X
Bit6
Unused
X
Bit5
Unused
X
Bit4
Unused
X
Bit3
R/W
LINEAIS[1]
0
Bit2
R/W
LINEAIS[0]
0
Bit1
R/W
LLBE
0
Bit0
R/W
DLBE
0
The Master Loopback Configuration Register is provided at D3MX read/write
address 04H.
DLBE:
The diagnostic loopback enable (DLBE) bit allows the looping back of the
transmitted DS3 into the receive DS3 path for diagnostic purposes. If the
DLBE bit is a logic 1, the TPOS, TNEG, and TCLK signals are connected
internally to replace the signals normally input on the RPOS, RNEG, and
RCLK pins.
LLBE:
The line loopback enable (LLBE) bit allows the looping back of the received
DS3 into the transmit DS3 path. If the LLBE bit is a logic 1, the RPOS,
RNEG, and RCLK signals are connected internally to replace the signals
normally output on the TPOS, TNEG, and TCLK pins.
LINEAIS[1:0]
The line AIS (LINEAIS[1:0]) bits allow the generation of various AIS patterns
on the TDAT output when TUNI is set to logic 1, or on the TPOS and TNEG
outputs when TUNI is set to logic 0, independent of the data stream being
transmitted. The LINEAIS[1:0] option is expected to be used when the
diagnostic loopback is invoked, ensuring that only a valid DS3 stream enters
the network. The LINEAIS[1:0] bits select one of the following AIS patterns
for transmission:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com