Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 2Page - PMC-Sierra, Inc PM8313 Datasheet HTML 3Page - PMC-Sierra, Inc PM8313 Datasheet HTML 4Page - PMC-Sierra, Inc PM8313 Datasheet HTML 5Page - PMC-Sierra, Inc PM8313 Datasheet HTML 6Page - PMC-Sierra, Inc PM8313 Datasheet HTML 7Page - PMC-Sierra, Inc PM8313 Datasheet HTML 8Page - PMC-Sierra, Inc PM8313 Datasheet HTML 9Page - PMC-Sierra, Inc PM8313 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
iv
REGISTER 1DH: DS3 CPERR COUNT MSB ..............................................................................81
REGISTER 1EH: DS3 FEBE COUNT LSB...................................................................................82
REGISTER 1FH: DS3 FEBE COUNT MSB ..................................................................................82
REGISTER 20H: XFDL TSB CONFIGURATION ..........................................................................83
REGISTER 21H: XFDL TSB INTERRUPT STATUS......................................................................85
REGISTER 22H: XFDL TSB TRANSMIT DATA.............................................................................86
REGISTER 24H: RFDL TSB CONFIGURATION ..........................................................................87
REGISTER 25H: RFDL TSB INTERRUPT CONTROL/STATUS...................................................88
REGISTER 26H: RFDL TSB STATUS ...........................................................................................90
REGISTER 27H: RFDL TSB RECEIVE DATA ...............................................................................92
REGISTER 28H: MX23 CONFIGURATION ..................................................................................93
REGISTER 29H: MX23 DEMUX AIS INSERT REGISTER...........................................................95
REGISTER 2AH: MX23 MUX AIS INSERT REGISTER ...............................................................96
REGISTER 2BH: MX23 LOOPBACK ACTIVATE REGISTER.......................................................97
REGISTER 2CH: MX23 LOOPBACK REQUEST INSERT REGISTER........................................98
REGISTER 2DH: MX23 LOOPBACK REQUEST DETECT REGISTER ......................................99
REGISTER 2EH: MX23 LOOPBACK REQUEST INTERRUPT REGISTER ..............................100
REGISTER 31H: FEAC XBOC TSB CODE ................................................................................101
REGISTER 32H: RBOC CONFIGURATION/INTERRUPT ENABLE ..........................................102
REGISTER 33H: RBOC INTERRUPT STATUS ..........................................................................103
REGISTER 34H: DS3 FRMR CONFIGURATION .......................................................................103
REGISTER 35H: DS3 FRMR INTERRUPT ENABLE (ACE=0) ..................................................106
REGISTER 35H: DS3 FRMR ADDITIONAL CONFIGURATION REGISTER (ACE=1) ..............108
REGISTER 36H: DS3 FRMR INTERRUPT STATUS ..................................................................111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com