Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 92Page - PMC-Sierra, Inc PM8313 Datasheet HTML 93Page - PMC-Sierra, Inc PM8313 Datasheet HTML 94Page - PMC-Sierra, Inc PM8313 Datasheet HTML 95Page - PMC-Sierra, Inc PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
86
Register 22H: XFDL TSB Transmit Data
Bit
Type
Function
Default
Bit 7
R/W
TD7
X
Bit 6
R/W
TD6
X
Bit 5
R/W
TD5
X
Bit 4
R/W
TD4
X
Bit 3
R/W
TD3
X
Bit 2
R/W
TD2
X
Bit 1
R/W
TD1
X
Bit 0
R/W
TD0
X
Data written to this register is serialized and transmitted on the path maintenance
data link least significant bit first. The XFDL TSB signals when the next data byte
is required by asserting the TDLINT output (if enabled) and by setting the INT bit
in the Status register high. When INT and/or TDLINT is set, the Transmit Data
register must be written with the next message byte within 4 data bit periods to
prevent the occurrence of an underrun. At a nominal 28.2 kbit/sec link data rate
the required write interval is 110µsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com