Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc PM8313 Datasheet HTML 53Page - PMC-Sierra, Inc PM8313 Datasheet HTML 54Page - PMC-Sierra, Inc PM8313 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
41
recommended in TR-TSY-000009 Section 4.1.2) or when one or more M-bit
errors are detected in 3 out of 4 consecutive M-frames. The M-bit error criteria
for OOF can be disabled via the MBDIS bit in the DS2 Framer configuration
register. In G.747 mode, out-of-frame is declared when four consecutive frame
alignment signals are incorrectly received (in accordance with CCITT Rec. G.747
Section 4). Note that the DS2 framer is an off-line framer, indicating both OFF
and COFA. Error events continue to be indicated even when the FRMR is
indicating OOF, based on the previous frame alignment.
The RED alarm and alarm indication signal are detected by the DS2 FRMR in
9.9 ms for DS2 format and in 6.9 ms for G.747 format. The framer employs a
simple integration algorithm (with a 1:1 slope) that is based on the occurrence of
"valid" DS2 M-frame or G.747 frame intervals. For the RED alarm, a DS2 M-
frame (or G.747 frame, depending upon the framing format selected) is said to
be a "valid" interval if it contains a RED defect, defined as the occurrence of an
OOF event during that M-frame (or G.747 frame). For AIS, a DS2 M-frame (or
G.747 frame) is said to be a "valid" interval if it contains AIS, defined as the
occurrence of less than 9 zeros while the framer is out of frame during that M-
frame (or G.747 frame). The discrepancy threshold ensures the detection
algorithm operates in the presence of bit error rates of up to 10-3. Each "valid"
DS2 M-frame (or G.747 frame) causes an integration counter to increment; "non-
valid" DS2 M-frame (or G.747 frame) intervals cause a decrement. RED or AIS
is declared if the associated integrator count saturates at 53, resulting in a
detection time of 9.9 ms for DS2 and 6.9 ms for G.747. RED or AIS declaration
is deasserted when the associated count decrements to 0.
The DS2 X-bit or G.747 remote alarm indication (RAI) bit is extracted by the DS2
FRMR to provide an indication of far end receive failure. The FERF status is set
to the current X/RAI state only if the two successive X/RAI bits were in the same
state. The extracted FERF status is buffered for 6 DS2 M-frames or 6 G.747
frames before being reported within the DS2 FRMR Status register. This buffer
ensures a virtually 100% probability of freezing the FERF status in a valid state
during an out of frame occurrence in DS2 mode, and ensures a better than
99.9% probability of freezing the valid status during an OOF occurrence in G.747
mode. When an OOF occurs, the FERF value is held at the state contained in the
last buffer location corresponding to the previous sixth M-frame or G.747 frame.
This location is not updated until the OOF condition is deasserted. Meanwhile,
the last four of the remaining five buffer locations are loaded with the frozen
FERF state while the first buffer location corresponding to the current M-frame/
G.747 frame is continually updated every M-frame/G.747 frame based on the
above FERF definition. Once correct frame alignment has been found and OOF
is deasserted, the first buffer location will contain a valid FERF status and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com