Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 78Page - PMC-Sierra, Inc PM8313 Datasheet HTML 79Page - PMC-Sierra, Inc PM8313 Datasheet HTML 80Page - PMC-Sierra, Inc PM8313 Datasheet HTML 81Page - PMC-Sierra, Inc PM8313 Datasheet HTML 82Page - PMC-Sierra, Inc PM8313 Datasheet HTML 83Page - PMC-Sierra, Inc PM8313 Datasheet HTML 84Page - PMC-Sierra, Inc PM8313 Datasheet HTML 85Page - PMC-Sierra, Inc PM8313 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
72
Register 0CH:DS3 TRAN Configuration
Bit
Type
Function
Default
Bit7
R/W
CBTRAN
0
Bit6
R/W
AIS
0
Bit5
R/W
IDL
0
Bit4
R/W
FERF
0
Bit3
R/W
SBOW
0
Bit2
Unused
X
Bit1
Unused
X
Bit0
R/W
CBIT
0
CBIT:
The CBIT bit enables the C-bit parity application. When CBIT is a logic 1, C-
bit parity is enabled, and the associated functions are inserted in the C-bit
positions of the incoming DS3 stream. When CBIT is a logic 0, the M23
application is selected, and the C-bits are passed transparently through the
DS3 TRAN.
SBOW:
The SBOW bit selects whether to insert the bit from the TOH input into the
stuff opportunity bit or into the F4 bit. When SBOW is a logic 1, the bit from
the TOH input is inserted into the stuff opportunity bit. When SBOW is a logic
0, the bit from the TOH input is inserted into the F4 bit.
FERF:
The FERF bit enables transmission of far end receive failure in the outgoing
DS3 stream. When FERF is a logic 1, the X1 and X2 overhead bit positions
in the DS3 stream are set to logic 0. When FERF is a logic 0, the X1 and X2
overhead bit positions in the DS3 stream are set to logic 1.
AIS, IDL:
The AIS and IDL bits enable the transmission of the alarm indication signal
and the idle signal. When AIS is a logic 1, the transmit DS3 payload (on the
TDAT/TPOS and TNEG outputs) is overwritten with the pattern 1010... When
IDL is a logic 1, the transmit DS3 payload is overwritten with the pattern
1100...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com