Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
22
Pin Name
Type
Pin No. Function
RD1DAT1
RD1DAT2
RD1DAT3
RD1DAT4
RD1DAT5
RD1DAT6
RD1DAT7
RD1DAT8
RD1DAT9
RD1DAT10
RD1DAT11
RD1DAT12
RD1DAT13
RD1DAT14
RD1DAT15
RD1DAT16
RD1DAT17
RD1DAT18
RD1DAT19
RD1DAT20
RD1DAT21
RD1DAT22
RD1DAT23
RD1DAT24
RD1DAT25
RD1DAT26
RD1DAT27
RD1DAT28
Output
202
195
188
182
177
173
168
161
157
153
149
144
139
135
129
124
118
114
108
104
100
94
89
84
78
74
69
64
The receive DS1 data (RD1DAT[28:1]) signals
carry the 28 demultiplexed DS1 streams. The
RD1DAT[28:1] outputs are updated on the
falling edges of the corresponding
RD1CLK[28:1] signals.
When the internal M12 multiplexers are
configured for G.747 multiplexing, every fourth
RD1DAT signal (RD1DAT4, 8, 12, 16, 20, 24,
28) is unused and held low. The remaining
RD1DAT signals are then nominally 2.048
Mbit/s data streams.
When the internal M12 multiplexers are
bypassed, every fourth RD1DAT signal
(RD1DAT4, 8, 12, 16, 20, 24, 28) may become
a DS2 rate data stream operating at nominally
6.312 Mbit/s. The remaining RD1DAT signals
for the particular M12 multiplexer bypassed are
then unused and held low.
The internal M12 multiplexers may be
bypassed or configured for G.747 multiplexing
on an individual basis. Thus the configuration
of each of the seven blocks of four RD1DAT
signals is independently programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com