Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 89Page - PMC-Sierra, Inc PM8313 Datasheet HTML 90Page - PMC-Sierra, Inc PM8313 Datasheet HTML 91Page - PMC-Sierra, Inc PM8313 Datasheet HTML 92Page - PMC-Sierra, Inc PM8313 Datasheet HTML 93Page - PMC-Sierra, Inc PM8313 Datasheet HTML 94Page - PMC-Sierra, Inc PM8313 Datasheet HTML 95Page - PMC-Sierra, Inc PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
83
Register 20H: XFDL TSB Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
EOM
0
Bit 3
R/W
INTE
0
Bit 2
R/W
ABT
0
Bit 1
R/W
CRC
0
Bit 0
R/W
EN
0
EN:
The enable bit (EN) controls the overall operation of the XFDL TSB. When
the EN bit is set to a logic 1, the XDFL TSB is enabled and flag sequences
are sent until data is written into the Transmit Data register. When the EN bit
is set to logic 0, the XFDL TSB is disabled.
CRC:
The CRC enable bit controls the generation of the CCITT-CRC frame check
sequence (FCS). Setting the CRC bit to logic 1 enables the CCITT-CRC
generator and the appends the 16 bit FCS to the end of each message.
When the CRC bit is set to logic 0, the FCS is not appended to the end of the
message. The CRC type used is the CCITT-CRC with generator polynomial =
x16 + x12 +x5 + 1. The high order bit of the FCS word is transmitted first.
ABT:
The Abort (ABT) bit controls the sending of the 7 consecutive ones HDLC
abort code. Setting the ABT bit to a logic 1 causes the 11111110 code to be
transmitted after the last byte from the Transmit Data Register is transmitted.
Aborts are continuously sent until this bit is reset to a logic 0.
INTE:
The INTE bit enables the generation of an interrupt via the TDLINT output.
Setting the INTE bit to logic 1 enables the generation of an interrupt by
asserting the TDLINT output; setting INTE to logic 0 disables the generation
of an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com