Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc PM8313 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
39
When enabled, the XFDL continuously transmits the flag character (01111110).
Data bytes to be transmitted are written into the Transmit Data Register. After the
parallel-to-serial conversion of each data byte, an interrupt is generated to signal
the controller to write the next byte into the Transmit Data Register. After the last
data frame byte, the CRC word (if CRC insertion has been enabled), or a flag (if
CRC insertion has not been enabled) is transmitted. The XFDL then returns to
the transmission of flag characters. The last data frame byte can be indicated by
either writing to the EOM bit in the XFDL configuration register or by setting the
TDLEOMI input high.
If there are more than five consecutive ones in the raw transmit data or in the
CRC data, a zero is stuffed into the serial data output. This prevents the
unintentional transmission of flag or abort characters.
Abort characters can be continuously transmitted at any time by setting a control
bit. During transmission, an underrun situation can occur if data is not written to
the Transmit Data Register before the previous byte has been depleted. In this
case, an abort sequence is transmitted, and the controlling processor is notified
via the UDR status bit.
8.7
Alarm And Control Channel Bit Oriented Code Transmitter
The XBOC Bit-Oriented Code Transmitter TSB transmits 63 of the possible 64
bit-oriented codes (BOCs) over the DS3 C-bit parity far end alarm and control
(FEAC) channel. The 64th possible code (111111) is similar to the HDLC idle
sequence and is used in the XBOC to disable transmission of any bit-oriented
codes.
BOCs are transmitted on the FEAC as a 16 bit sequence consisting of 8 ones, 1
zero, 6 code bits, and 1 trailing zero (111111110xxxxxx0). An internal register is
loaded with the 6 code bits to be transmitted. The 16 bit sequence is
continuously transmitted until disabled by forcing the six code bits to 111111.
8.8
M23 Multiplexer
The MX23 M23 Multiplexer integrates circuitry required to asynchronously
multiplex and demultiplex seven DS2 streams into, and out of, an M23 or C-bit
Parity formatted DS3 serial stream.
When multiplexing seven DS2 streams into an M23 formatted DS3 stream, the
MX23 TSB performs rate adaptation to the DS3 by integral FIFO buffers,
controlled by timing circuitry. The FIFO buffers accommodate in excess of 5.0
UIpp of sinusoidal jitter on TD2CLK for all jitter frequencies. The C-bits are also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com