Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 67Page - PMC-Sierra, Inc PM8313 Datasheet HTML 68Page - PMC-Sierra, Inc PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc PM8313 Datasheet HTML 70Page - PMC-Sierra, Inc PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc PM8313 Datasheet HTML 74Page - PMC-Sierra, Inc PM8313 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
61
Register 05H: Master Interface Configuration
Bit
Type
Function
Default
Bit7
Unused
X
Bit6
Unused
X
Bit5
Unused
X
Bit4
R/W
TINV
0
Bit3
R/W
TRISE
0
Bit2
R/W
TUNI
0
Bit1
R/W
RINV
0
Bit0
R/W
RFALL
0
The Master Interface Configuration Register is provided at D3MX read/write
address 05H.
RFALL:
The receive falling edge select (RFALL) bit configures the sampling edge
used on the DS3 receive interface. When RFALL is a logic 1, the DS3 receive
interface is sampled on the falling edge of RCLK. When RFALL is a logic 0,
the DS3 receive interface is sampled on the rising edge of RCLK.
RINV:
The receive invert (RINV) bit enables data inversion of the DS3 receive
interface. When RINV is a logic 1, the RPOS and RNEG signals are active
low. When RINV is a logic 0, the RPOS and RNEG signals are active high.
Inversion only takes place when the DS3 receive interface is configured for
dual rail operation.
TUNI:
The transmit unipolar (TUNI) bit configures the DS3 transmit interface for
unipolar or dual rail operation. When TUNI is a logic 1, the DS3 transmit
interface is configured as TDAT and TMFP. When TUNI is a logic 0, the DS3
transmit interface is configured as TPOS and TNEG.
TRISE:
The transmit falling edge select (TRISE) bit configures the updating edge
used on the DS3 transmit interface. When TRISE is a logic 1, the DS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com