Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc PM8313 Datasheet HTML 53Page - PMC-Sierra, Inc PM8313 Datasheet HTML 54Page - PMC-Sierra, Inc PM8313 Datasheet HTML 55Page - PMC-Sierra, Inc PM8313 Datasheet HTML 56Page - PMC-Sierra, Inc PM8313 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
43
DS1 payload loopback can be activated or deactivated under software control.
During payload loopback the DS1 stream being looped back still continues
unaffected in the demultiplex direction. The second and fourth demultiplexed
DS1 streams are logically inverted, and all four demultiplexed DS1 streams can
be replaced with AIS on an individual basis.
Similar functionality supports CCITT Recommendation G.747. The FIFO is still
required for rate adaptation. The frame alignment signal and parity bit are
generated and inserted by the timing circuitry. Software control is provided to
transmit Remote Alarm Indication (RAI), high speed signal AIS, and the reserved
bit. A diagnostic option is provided to invert the transmitted frame alignment
signal and parity bit.
When demultiplexing three 2048 kbit/s streams from a G.747 formatted 6312
kbit/s stream, the MX12 performs bit destuffing via interpretation of the C-bits.
Tributary payload loopback can be activated or deactivated under software
control. Although no remote loopback request has been defined for G.747,
inversion of the third C-bit triggers a loopback request detection indication in
anticipation of Recommendation G.747 refinement. All three demultiplexed 2048
kbit/s streams can be replaced with AIS on an individual basis.
8.11
Loopback Modes
DS3 Diagnostic Loopback allows the transmitted DS3 stream to be looped back
into the receive DS3 path, overriding the DS3 stream received on the
RDAT/RPOS and RNEG/RLCV inputs. The RCLK signal is also substituted with
the transmit DS3 clock, TCLK. While this mode is active, AIS may be substituted
for the DS3 payload being transmitted on the TPOS/TDAT and TNEG/TMFP
outputs. The configuration of the receive interface determines how the
TNEG/TMFP signal is handled during loopback: if the UNI bit in the DS-3 FRMR
is set, then the receive interface is configured for RDAT and RLCV, therefore the
TNEG/TMFP signal is suppressed during loopback so that transmit MFP
indications will not be seen nor accumulated as input LCVs; if the UNI bit is clear,
then the interface is configured for bipolar signals RPOS and RNEG, therefore
the TNEG is fed directly to the RNEG input. This loopback mode is shown
diagrammatically, below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com