Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 8Page - PMC-Sierra, Inc PM8313 Datasheet HTML 9Page - PMC-Sierra, Inc PM8313 Datasheet HTML 10Page - PMC-Sierra, Inc PM8313 Datasheet HTML 11Page - PMC-Sierra, Inc PM8313 Datasheet HTML 12Page - PMC-Sierra, Inc PM8313 Datasheet HTML 13Page - PMC-Sierra, Inc PM8313 Datasheet HTML 14Page - PMC-Sierra, Inc PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc PM8313 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
2
parity mode operation, up to 16,383 C-bit parity error events per second, and
16,383 far end block error (FEBE) events per second.
• Detects and validates bit-oriented codes in the C-bit parity far end alarm and
control channel.
• Terminates the C-bit parity path maintenance data link with an integral HDLC
receiver having a 4-byte deep FIFO buffer. Supports polled, interrupt-driven
or DMA access.
• Optionally extracts the C-bit parity mode path maintenance data link signal
and serializes it at 28.2 kbit/s.
• Extracts the X, P, M, F, C and stuff opportunity bits and serializes them at
526 kbit/s on a time division multiplex signal.
Each DS3 transmit framer section:
• Provides the overhead bit insertion for a DS3 stream.
• Provides a bit serial clock and data interface, and allows the M-frame
boundary and/or the overhead bit positions to be located via an external
interface
• Provides optional insertion of the X, P, M, F, C, and stuff opportunity bits via a
526 kbit/s serial interface.
• Provides B3ZS encoding.
• Inserts far end receive failure (FERF), the DS3 alarm indication signal (AIS)
and the idle signal when enabled by external inputs, or internal register bits.
• Provides diagnostic features to allow the generation of line code violation
error events, parity error events, framing bit error events, and when enabled
for the C-bit parity application, C-bit parity error events, and far end block
error events.
• Inserts bit-oriented codes in the C-bit parity far end alarm and control
channel.
• Optionally inserts the C-bit parity path maintenance data link with an integral
HDLC transmitter. Supports polled, interrupt-driven, or DMA access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com