Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc PM8313 Datasheet HTML 70Page - PMC-Sierra, Inc PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc PM8313 Datasheet HTML 74Page - PMC-Sierra, Inc PM8313 Datasheet HTML 75Page - PMC-Sierra, Inc PM8313 Datasheet HTML 76Page - PMC-Sierra, Inc PM8313 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
63
Register 06H: Master Alarm Enable/Network Requirement Bit
Bit
Type
Function
Default
Bit 7
R/W
TNR
1
Bit 6
R
RNR
X
Bit 5
R/W
ALTFEBE
0
Bit 4
R/W
REDO
0
Bit 3
R/W
RED2ALME
0
Bit 2
R/W
DS2ALME
0
Bit 1
R/W
RED3ALME
0
Bit 0
R/W
DS3ALME
0
The Master Alarm Enable/Network Requirement Bit Register is provided at
D3MX read/write address 06H.
DS3ALME:
The DS3 Alarm Enable (DS3ALME) bit allows the automatic generation of
AIS in all of the demultiplexed DS2s upon a DS3 alarm condition. If
DS3ALME is a logic 1, a DS3 loss of signal (>175 zeros), a DS3 out-of-frame
(OOF) condition (i.e. immediately after 3-of-n F-bit errors where n is 8 or 16,
or 3-of-4 M-frames containing M-bit errors), DS3 idle code detection or DS3
AIS detection causes all of the DS2s to be replaced by an unframed all ones
pattern immediately. Generation of AIS continues while the detected alarm
condition persists. If DS3ALME is a logic 0, AIS can still be generated in the
demultiplexed DS2s under software control by setting the bits in the MX23
Demux AIS Insert Register.
RED3ALME:
The RED DS3 Alarm Enable (RED3ALME) bit works in conjunction with the
DS3ALME and enables detection of DS3 RED condition to be used in place
of DS3 loss of signal and DS3 out-of-frame in the above criteria for
demultiplexed AIS generation. When DS3ALME is set to logic 1 and
REDALME is set to logic 1, the occurrence of LOS or OOF for 127
consecutive M-frames (or 21 consecutive M-frames, if FDET is set to logic 1
in the DS3 FRMR configuration register) causes a DS3 RED alarm condition
and generates the DS2 AIS. When DS3ALME is set to logic 1 and REDALME
is set to logic 0, any occurrence of LOS or OOF generates the DS2 AIS. If
DS3ALME is a logic 0, the REDALME bit is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com