Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 7Page - PMC-Sierra, Inc PM8313 Datasheet HTML 8Page - PMC-Sierra, Inc PM8313 Datasheet HTML 9Page - PMC-Sierra, Inc PM8313 Datasheet HTML 10Page - PMC-Sierra, Inc PM8313 Datasheet HTML 11Page - PMC-Sierra, Inc PM8313 Datasheet HTML 12Page - PMC-Sierra, Inc PM8313 Datasheet HTML 13Page - PMC-Sierra, Inc PM8313 Datasheet HTML 14Page - PMC-Sierra, Inc PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
1
1
FEATURES
• Integrates a full featured M13 multiplexer and DS-3 framer in a single
monolithic device.
• Supports the M23 or C-bit parity DS3 formats.
• Supports the M12 or G.747 formats allowing DS1 or E1 signals to be
multiplexed into a DS3 signal.
• • Allows the M12 stages to be bypassed allowing direct input of DS2 signals
into the M23 multiplexer stage.
• Provides a generic microprocessor interface for configuration, control, and
status monitoring.
• Low power CMOS technology.
• Packaged in a 208 pin Plastic Quad Flat Pack (PQFP) package.
Each DS3 framer/performance monitor section:
• Frames to a DS3 signal with a maximum average reframe time of less than
1.5 ms (as required by TR-TSY-000009 Section 4.1.2 and TR-TSY-000191
Section 5.2).
• Decodes a B3ZS-encoded signal and indicates line code violations. The
definition of line code violation is software selectable.
• Detects and accumulates occurrences of excessive zeros and loss of signal.
• Provides indication of M-frame and M-subframe boundaries, and overhead bit
positions in the DS3 stream.
• Detects the DS3 alarm indication signal (AIS) and idle signal. Detection
algorithms operate correctly in the presence of a 10-3 bit error rate.
• Extracts valid X-bits and indicates far end receive failure. Accumulates up to
65,535 line code violation (LCV) events per second, 16,383 P-bit parity error
events per second, 1023 F-bit or M-bit (framing bit) events per second,
65,535 excessive zero (EXZ) events per second, and when enabled for C-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com