Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
29
Pin Name
Type
Pin No. Function
TOHEN
Input
18
The transmit overhead insertion (TOHEN)
signal controls the insertion of DS3 overhead
bits from the TOH input. When TOHEN is high,
the associated overhead bit in the TOH stream
is inserted in the transmitted DS3 frame. When
TOHEN is low, the DS3 overhead bit is
generated and inserted internally. TOHEN is
sampled on the rising edge of TOHCLK.
TOHFP
Output
15
The transmit overhead frame position (TOHFP)
signal may be used to align the individual
overhead bits in the transmitted overhead data
stream, TOH, to the DS3 M-frame. TOHFP is
high during the X1 overhead bit position in the
TOH stream. TOHFP is updated on the falling
edge of TOHCLK.
TOHCLK
Output
14
The transmit overhead clock (TOHCLK) cycles
once per overhead bit. TOHCLK is nominally a
526 kHz clock. TOHFP is updated on the falling
edge of TOHCLK. TOH, and TOHEN are
sampled on the rising edge of TOHCLK.
TCLK
Output
2
The transmit clock (TCLK) provides timing for
circuitry downstream of the DS3 transmitter of
the D3MX. TCLK is nominally a 44.736 MHz,
50% duty cycle clock.
TPOS/
TDAT
Output
3
The transmit positive pulse (TPOS) signal
represents the positive pulses transmitted on
the B3ZS-encoded line when configured for
dual-rail operation. TPOS is updated on the
falling edge of TCLK by default but may be
enabled to be updated on the rising edge of
TCLK.
The transmit data output (TDAT) signal
represents a unipolar DS3 output stream when
configured for single rail operation. TDAT is
updated on the falling edge of TCLK by default
but may be enabled to be updated on the rising
edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com