Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 9Page - PMC-Sierra, Inc PM8313 Datasheet HTML 10Page - PMC-Sierra, Inc PM8313 Datasheet HTML 11Page - PMC-Sierra, Inc PM8313 Datasheet HTML 12Page - PMC-Sierra, Inc PM8313 Datasheet HTML 13Page - PMC-Sierra, Inc PM8313 Datasheet HTML 14Page - PMC-Sierra, Inc PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc PM8313 Datasheet HTML 16Page - PMC-Sierra, Inc PM8313 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
3
• Optionally inserts the C-bit parity mode path maintenance data link signal
from a 28.2 kbit/s serial input.
Each M23 multiplexer section:
• Multiplexes 7 DS2 bit streams into a single M23 format DS3 bit stream.
• Performs required bit stuffing including generation of C-bits.
• Includes required FIFO buffers for rate adaptation in the multiplex path.
• Allows insertion of per DS2 payload loopback requests encoded in the
transmitted C-bits to be activated or cleared under microprocessor control.
• Provides generated DS2 clock for use in integrated M13 or C-bit parity
multiplex applications.
• Demultiplexes a single M23 format DS3 bit stream into 7 DS2 bit streams.
• Performs required bit destuffing including interpretation of C-bits.
• Detects per DS2 payload loopback requests encoded in the received C-bits.
• Allows per DS2 payload loopback to be activated or cleared under
microprocessor control.
• Allows per DS2 alarm indication signal (AIS) to be activated or cleared for
either direction under microprocessor control.
• Allows DS2 alarm indication signal (AIS) to be activated or cleared in the
demultiplex direction automatically upon loss of DS3 frame alignment or
signal.
• Supports C-bit parity DS3 format.
Each DS2 framer and M12 multiplexer section:
• Supports two asynchronous multiplexing standards: the combination of four
DS1 bit streams into a single M12 format DS2 bit stream and the combination
of three 2048 kbit/s tributaries into a 6312 kbit/s high speed signal according
to CCITT Recommendation G.747.
• Frames to either a DS2 or G.747 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com