Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
27
Pin Name
Type
Pin No. Function
TDLCLK/
TDLINT
Output
207
The transmit data link clock (TDLCLK) signal is
active when an external HDLC receiver is
selected (the TEXHDLC bit in the Master HDLC
Configuration Register is a logic 1). The
TDLCLK signal provides timing for the external
sourcing of the path maintenance data link
signal inserted by the DS3 TRAN. TDLCLK is
updated on the falling edge of the TOHCLK
signal and cycles 3 times per M-frame.
TDLCLK is nominally a 28.2 kHz clock, which is
low for at least 1.9 µs per cycle.
The transmit data link interrupt (TDLINT) signal
is active when the internal HDLC transmitter is
selected (the TEXHDLC bit in the
corresponding Master HDLC Configuration
Register is a logic 0).TDLINT is asserted when
the last data byte written to the internal HDLC
transmitter has been setup for transmission,
and a write is required to the XFDL
Configuration Register, or the XFDL Transmit
Data Register to either end the current
message transmission, or to provide more
data. By default TDLINT is an active low open-
drain output, but can be configured as active
high.
Typically, TDLINT would be connected to an
external DMA device. If the supervising
microprocessor is desired to service the XFDL,
this output can be wired-ORed with the INTB
output when TDLINT is configured as an active-
low open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com