Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 22 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 18Page - Microchip Technology SST49LF080A Datasheet HTML 19Page - Microchip Technology SST49LF080A Datasheet HTML 20Page - Microchip Technology SST49LF080A Datasheet HTML 21Page - Microchip Technology SST49LF080A Datasheet HTML 22Page - Microchip Technology SST49LF080A Datasheet HTML 23Page - Microchip Technology SST49LF080A Datasheet HTML 24Page - Microchip Technology SST49LF080A Datasheet HTML 25Page - Microchip Technology SST49LF080A Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
22
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 8: Data# Polling Command Sequence (LPC Mode)
1235 F07.0
0000b
011Xb
A[11:8]
A[7:4]
A[3:0]
Dn[7:4]
A[15:12]
D[3:0]
Tri-State
TAR
Load Address in 8 Clocks
Write the last command (Program or Erase) to the device in LPC mode.
Address1
1 Clock 1 Clock
1st Start
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data in 2 Clocks
1111b
0000b
0000b
LAD[3:0]
Read the DQ7 to see if internal write complete or not.
LCLK
LFRAME#
LAD[3:0]
0000b
010Xb
A[11:8]
A[7:4]
A[3:0]
D7,xxx
A[15:12]
XXXXb
Tri-State
TAR
Load Address in 8 Clocks
When internal write complete, the DQ7 will equal to D7.
Address1
1 Clock 1 Clock
Start
Memory
Read
Cycle
TAR
Sync
Data
Next start
1 Clock
Data out 2 Clocks
1 Clock
2 Clocks
1111b
0000b
0000b
LFRAME#
LCLK
0000b
010Xb
A[11:8]
A[7:4]
A[3:0]
D7#,xxx
A[15:12]
XXXXb
Tri-State
TAR
Load Address in 8 Clocks
Address1
1 Clock 1 Clock
Start
Memory
Read
Cycle
TAR
Sync
Data
Next start
1 Clock
Data out 2 Clocks
1 Clock
2 Clocks
1111b
0000b
0000b
CE#
CE#
A[23:20]
A[19:16]
A[23:20]
A[19:16]
A[23:20]
A[19:16]
LFRAME#
LAD[3:0]
LCLK
CE#
A[31:28] A[27:24]
A[31:28] A[27:24]
A[31:28] A[27:24]
Note: 1. Address must be within memory address range specified in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com