Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 13 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology SST49LF080A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
13
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Response To Invalid Fields
During LPC Read/Write operations, the SST49LF080A will not explicitly indicate that it has received
invalid field sequences. The response to specific invalid fields or sequences is as follows:
Address out of range: The SST49LF080A will only respond to address ranges as specified in Table 4.
ID mismatch: ID information is included in every address cycle. The SST49LF080A will compare ID
bits in the address field with the hardware ID strapping. If there is a mis-match, the device will ignore
the cycle. See Multiple Device Selection section for details.
Once valid START, CYCTYPE + DIR, valid address range and ID bits are received, the SST49LF080A
will always complete the bus cycle. However, if the device is busy performing a flash Erase or Program
operation, no new internal Write command (memory write or register write) will be executed. As long
as the states of LAD[3:0] and LAD[4] are known, the response of the SST49LF080A to signals
received during the LPC cycle should be predictable.
Abort Mechanism
If LFRAME# is driven low for one or more clock cycles after the start of an LPC cycle, the cycle will be
terminated. The host may drive the LAD[3:0] with ‘1111b’ (ABORT nibble) to return the interface to
ready mode. The ABORT only affects the current bus cycle. For a multi-cycle command sequence,
such as the Erase or Program SDP commands, ABORT doesn’t interrupt the entire command
sequence, but only the current bus cycle of the command sequence. The host can re-send the bus
cycle and continue the SDP command sequence after the device is ready again.
Write Operation Status Detection
The SST49LF080A device provides two software means to detect the completion of a Write (Program
or Erase) cycle, in order to optimize the system Write cycle time. The software detection includes two
status bits: Data# Polling, D[7], and Toggle Bit, D[6]. The End-of-Write detection mode is incorporated
into the LPC Read Cycle. The actual completion of the nonvolatile write is asynchronous with the sys-
tem; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of
the Write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may
appear to conflict with either D[7] or D[6]. In order to prevent spurious rejection, if an erroneous result
occurs, the software routine should include a loop to read the accessed location an additional two (2)
times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is
valid.
Data# Polling
When the SST49LF080A device is in the internal Program operation, any attempt to read D[7] will pro-
duce the complement of the true data. Once the Program operation is completed, D[7] will produce
true data. Note that even though D[7] may have valid data immediately following the completion of an
internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data
bus will appear in subsequent successive Read cycles after an interval of 1 µs. During internal Erase
operation, any attempt to read D[7] will produce a ‘0’. Once the internal Erase operation is completed,
D[7] will produce a ‘1’. Proper status will not be given using Data# Polling if the address is in the invalid
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com