Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 1 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 1 Page - Microchip Technology

  SST49LF080A Datasheet HTML 1Page - Microchip Technology SST49LF080A Datasheet HTML 2Page - Microchip Technology SST49LF080A Datasheet HTML 3Page - Microchip Technology SST49LF080A Datasheet HTML 4Page - Microchip Technology SST49LF080A Datasheet HTML 5Page - Microchip Technology SST49LF080A Datasheet HTML 6Page - Microchip Technology SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
Data Sheet
www.microchip.com
Features
• LPC Interface Flash
– SST49LF080A: 1024K x8 (8 Mbit)
• Conforms to Intel LPC Interface Specification 1.0
• Flexible Erase Capability
– Uniform 4 KByte Sectors
– Uniform 64 KByte overlay blocks
– 64 KByte Top Boot Block protection
– Chip-Erase for PP Mode Only
• Single 3.0-3.6V Read and Write Operations
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
– Active Read Current: 6 mA (typical)
– Standby Current: 10 µA (typical)
• Fast Sector-Erase/Byte-Program Operation
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time: 16 seconds (typical)
– Single-pulse Program or Erase
– Internal timing generation
• Two Operational Modes
– Low Pin Count (LPC) Interface mode for
in-system operation
– Parallel Programming (PP) Mode for fast production pro-
gramming
• LPC Interface Mode
– 5-signal communication interface supporting byte Read
and Write
– 33 MHz clock frequency operation
– WP# and TBL# pins provide hardware write protect for
entire chip and/or top boot block
– Standard SDP Command Set
– Data# Polling and Toggle Bit for End-of-Write detection
– 5 GPI pins for system design flexibility
– 4 ID pins for multi-chip selection
• Parallel Programming (PP) Mode
– 11-pin multiplexed address and 8-pin data
I/O interface
– Supports fast programming In-System on
programmer equipment
• CMOS and PCI I/O Compatibility
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
• All non-Pb (lead-free) devices are RoHS compliant
8 Mbit LPC Flash
SST49LF080A
The SST49LF080A flash memory device is designed to interface with the LPC
bus for PC and Internet Appliance application in compliance with Intel Low Pin
Count (LPC) Interface Specification 1.0. Two interface modes are supported: LPC
mode for in-system operations and Parallel Programming (PP) mode to interface
with programming equipment. The SST49LF080A flash memory device is manu-
factured with proprietary, high-performance SuperFlash® Technology. The split-
gate cell design and thick-oxide tunneling injector attain better reliability and man-
ufacturability compared with alternate approaches


Similar Part No. - SST49LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF080A-33-4C-NH SST-SST49LF080A-33-4C-NH Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF080A-33-4C-NHE SST-SST49LF080A-33-4C-NHE Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF080A-33-4C-WH SST-SST49LF080A-33-4C-WH Datasheet
579Kb / 49P
8 Mbit LPC Flash
More results

Similar Description - SST49LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
4 Mbit LPC Flash
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
4 Mbit LPC Firmware Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
4 Mbit / 8 Mbit LPC Serial Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
16 Mbit LPC Flash
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
3 Mbit LPC Flash
logo
Microchip Technology
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
16 Mbit LPC Flash
02/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com