Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 5 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 5 Page - Microchip Technology

  SST49LF080A Datasheet HTML 1Page - Microchip Technology SST49LF080A Datasheet HTML 2Page - Microchip Technology SST49LF080A Datasheet HTML 3Page - Microchip Technology SST49LF080A Datasheet HTML 4Page - Microchip Technology SST49LF080A Datasheet HTML 5Page - Microchip Technology SST49LF080A Datasheet HTML 6Page - Microchip Technology SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
5
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Table 1: Pin Description
Symbol
Pin Name
Type1
Interface
Functions
PP
LPC
A10-A0
Address
I
X
Inputs for low-order addresses during Read and Write operations.
Addresses are internally latched during a Write cycle. For the pro-
gramming interface, these addresses are latched by R/C# and share
the same pins as the high-order address inputs.
DQ7-DQ0 Data
I/O
X
To output data during Read cycles and receive input data during
Write cycles. Data is internally latched during a Write cycle. The out-
puts are in tri-state when OE# is high.
OE#
Output Enable
I
X
To gate the data output buffers.
WE#
Write Enable
I
X
To control the Write operations.
MODE
Interface
Mode Select
I
X
X
This pin determines which interface is operational. When held high,
programmer mode is enabled and when held low, LPC mode is
enabled. This pin must be setup at power-up or before return from
reset and not change during device operation. This pin must be held
high (VIH) for PP mode and low (VIL) for LPC mode.
INIT#
Initialize
I
X
This is the second reset pin for in-system use. This pin is inter-
nally combined with the RST# pin; If this pin or RST# pin is driven
low, identical operation is exhibited.
ID[3:0]
Identification
Inputs
I
X
These four pins are part of the mechanism that allows multiple parts to
be attached to the same bus. The strapping of these pins is used to
identify the component.The boot device must have ID[3:0]=0000 for all
subsequent devices should use sequential up-count strapping. These
pins are internally pulled-down with a resistor between 20-100 K
GPI[4:0]
General
Purpose
Inputs
I
X
These individual inputs can be used for additional board flexibility. The
state of these pins can be read through LPC registers. These inputs
should be at their desired state before the start of the PCI clock cycle dur-
ing which the read is attempted, and should remain in place until the end
of the Read cycle. Unused GPI pins must not be floated.
TBL#
Top Block
Lock
I
X
When low, prevents programming to the boot block sectors at top of
memory. When TBL# is high it disables hardware write protection for
the top block sectors. This pin cannot be left unconnected.
LAD[3:0] Address and
Data
I/O
X
To provide LPC control signals, as well as addresses and Command
Inputs/Outputs data.
LCLK
Clock
I
X
To provide a clock input to the control unit
LFRAME# Frame
I
X
To indicate start of a data transfer operation; also used to abort
an LPC cycle in progress.
RST#
Reset
I
X
X
To reset the operation of the device
WP#
Write Protect
I
X
When low, prevents programming to all but the highest addressable
blocks. When WP# is high it disables hardware write protection for
these blocks. This pin cannot be left unconnected.
R/C#
Row/Column
Select
IX
Select for the Programming interface, this pin determines whether the address
pins are pointing to the row addresses, or to the column addresses.
RES
Reserved
X
These pins must be left unconnected.
VDD
Power Supply
PWR
X
X
To provide power supply (3.0-3.6V)
VSS
Ground
PWR
X
X
Circuit ground (0V reference)
CE#
Chip Enable
I
X
This signal must be asserted to select the device. When CE# is low,
the device is enabled. When CE# is high, the device is placed in low
power standby mode.
NC
No Connection
I
X
X
Unconnected pins.
T1.0 25026
1. I=Input, O=Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com