Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 8 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 4Page - Microchip Technology SST49LF080A Datasheet HTML 5Page - Microchip Technology SST49LF080A Datasheet HTML 6Page - Microchip Technology SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
8
8 Mbit LPC Flash
SST49LF080A
Data Sheet
LPC Mode
Device Operation
The LPC mode uses a 5-signal communication interface, a 4-bit address/data bus, LAD[3:0], and a
control line, LFRAME#, to control operations of the SST49LF080A. Cycle type operations such as
Memory Read and Memory Write are defined in Intel Low Pin Count Interface Specification, Revision
1.0. JEDEC Standard SDP (Software Data Protection) Program and Erase commands sequences are
incorporated into the standard LPC memory cycles. See Figures 7 through 12 for command
sequences.
LPC signals are transmitted via the 4-bit Address/Data bus (LAD[3:0]), and follow a particular
sequence, depending on whether they are Read or Write operations. LPC memory Read and Write
cycle is defined in Tables 5 and 6.
Both LPC Read and Write operations start in a similar way as shown in Figures 5 and 6. The host
(which is the term used here to describe the device driving the memory) asserts LFRAME# for two or
more clocks and drives a start value on the LAD[3:0] bus.
At the beginning of an operation, the host may hold the LFRAME# active for several clock cycles, and
even change the Start value. The LAD[3:0] bus is latched every rising edge of the clock. On the cycle
in which LFRAME# goes inactive, the last latched value is taken as the Start value. CE# must be
asserted one cycle before the start cycle to select the SST49LF080A for Read and Write operations.
Once the SST49LF080A identifies the operation as valid (a start value of all zeros), it next expects a
nibble that indicates whether this is a memory Read or Write cycle. Once this is received, the device is
now ready for the Address cycles. The LPC protocol supports a 32-bit address phase. The
SST49LF080A encodes ID and register space access in the address field. See Table 3 for address bits
definition.
For Write operation the Data cycle will follow the Address cycle, and for Read operation TAR and
SYNC cycles occur between the Address and Data cycles. At the end of every operation, the control of
the bus must be returned to the host by a 2-clock TAR cycle.
Table 3: Address bits definition
A31:A251
1. The top 32MByte address range FFFF FFFFH to FE00 0000H and the bottom 128 KByte memory access address
000F FFFFH to 000E 0000H are decoded.
A24:A23
A22
A21:A20
A19:A0
1111 111b or 0000 000b
ID[3:2]2
2. See Table 7 for multiple device selection configuration
1 = Memory Access
0 = Register access
ID[1:0]2
Device Memory address
T3.1 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com