Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 39 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 39 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 35Page - Microchip Technology SST49LF080A Datasheet HTML 36Page - Microchip Technology SST49LF080A Datasheet HTML 37Page - Microchip Technology SST49LF080A Datasheet HTML 38Page - Microchip Technology SST49LF080A Datasheet HTML 39Page - Microchip Technology SST49LF080A Datasheet HTML 40Page - Microchip Technology SST49LF080A Datasheet HTML 41Page - Microchip Technology SST49LF080A Datasheet HTML 42Page - Microchip Technology SST49LF080A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
39
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 28:AC Input/Output Reference Waveforms
Figure 29:A Test Load Example
Figure 30:Read Flowchart (LPC Mode)
1235 F27.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measure-
ment reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall
times (10%
90%) are <3 ns.
Note: VIT -VINPUT Test
VOT -VOUTPUT Test
VIHT -VINPUT HIGH Test
VILT -VINPUT LOW Test
1235 F28.0
TO TESTER
TO DUT
CL
1235 F29.0
Address: AIN
Read Data: DOUT
Cycle: 1
Read
Command Sequence
Available for
Next Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com