Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 19 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology SST49LF080A Datasheet HTML 17Page - Microchip Technology SST49LF080A Datasheet HTML 18Page - Microchip Technology SST49LF080A Datasheet HTML 19Page - Microchip Technology SST49LF080A Datasheet HTML 20Page - Microchip Technology SST49LF080A Datasheet HTML 21Page - Microchip Technology SST49LF080A Datasheet HTML 22Page - Microchip Technology SST49LF080A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
19
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating ‘0’s and ‘1’s, i.e., toggling between 0 and 1. When the internal Program or Erase operation
is completed, the toggling will stop. The device is then ready for the next operation. The Toggle Bit is
valid after the rising edge of fourth WE# pulse for Program operation. For Sector-, Block-, or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth WE# pulse. See Figure 21 for Toggle Bit tim-
ing diagram and Figure 35 for a flowchart.
Data Protection (PP Mode)
The SST49LF080A devices provide both hardware and software features to protect nonvolatile data
from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# pulse of less than 5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, WE# high will inhibit the Write operation. This prevents inadver-
tent writes during power-up or power-down.
Software Data Protection (SDP)
The SST49LF080A provides the JEDEC approved Software Data Protection scheme for all data alter-
ation operation, i.e., Program and Erase. Any Program operation requires the inclusion of a series of
three-byte sequence. The three-byte load sequence is used to initiate the Program operation, provid-
ing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-
down. Any Erase operation requires the inclusion of a six-byte load sequence.
Table 10: Operation Modes Selection (PP Mode)
Mode
RST#
OE#
WE#
DQ
Address
Read
VIH
VIL
VIH
DOUT
AIN
Program
VIH
VIH
VIL
DIN
AIN
Erase
VIH
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector or Block address,
XXH for Chip-Erase
Reset
VIL
X
X
High Z
X
Write Inhibit
VIH
X
VIL
X
X
VIH
High Z/DOUT
High Z/DOUT
X
X
Product Identification
VIH
VIL
VIH
Manufacturer’s ID
(BFH) Device ID2
2. Device ID = 5BH for SST49LF080A
See Table 11
T10.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com