Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 32 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 28Page - Microchip Technology SST49LF080A Datasheet HTML 29Page - Microchip Technology SST49LF080A Datasheet HTML 30Page - Microchip Technology SST49LF080A Datasheet HTML 31Page - Microchip Technology SST49LF080A Datasheet HTML 32Page - Microchip Technology SST49LF080A Datasheet HTML 33Page - Microchip Technology SST49LF080A Datasheet HTML 34Page - Microchip Technology SST49LF080A Datasheet HTML 35Page - Microchip Technology SST49LF080A Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
32
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 15:Output Timing Parameters (LPC Mode)
Figure 16:Input Timing Parameters (LPC Mode)
Table 22: Interface Measurement Condition Parameters (LPC Mode)
Symbol
Value
Units
VTH1
1. The input test environment is done with 0.1 VDD of overdrive over VIH and VIL. Timing parameters must be met with no
more overdrive than this. VMAX specified the maximum peak-to-peak waveform allowed for measuring input timing. Pro-
duction testing may use different voltage values, but must correlate results back to these parameters
0.6 VDD
V
VTL1
0.2 VDD
V
VTEST
0.4 VDD
V
VMAX1
0.4 VDD
V
Input Signal Edge Rate
1
V/ns
T22.0 25026
TVAL
TOFF
TON
1235 F14.0
LCLK
LAD [3:0]
(Valid Output Data)
LAD [3:0]
(Float Output Data)
VTEST
VTL
VTH
TSU
TDH
Inputs
Valid
1235 F15.0
LCLK
LAD [3:0]
(Valid Input Data)
VTEST
VTL
VMAX
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com