Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 12 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
12
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 6: LPC Write Cycle Waveform
Table 6: LPC Write Cycle
Clock
Cycle
Field
Name
Field
Contents
LAD[3:0]1
LAD[3:0]
Direction
Comments
1
START
0000
IN
LFRAME# must be active (low) for the part to
respond. Only the last start field (before
LFRAME# transitions high) should be recog-
nized.
2
CYCTYPE
+ DIR
011X
IN
Indicates the type of cycle. Bits 3:2 must be
“01b” for memory cycle. Bit 1 indicates the
type of transfer “1” for Write. Bit 0 is reserved.
3-10
ADDRESS
YYYY
IN
Address Phase for Memory Cycle. LPC protocol
supports a 32-bit address phase. YYYY is one
nibble of the entire address. Addresses are
transferred most-significant nibble first. See
Table 3 for address bits definition and Table 4 for
valid memory address range.
11
DATA
ZZZZ
IN
This field is the least-significant nibble of the data
byte.
12
DATA
ZZZZ
IN
This field is the most-significant nibble of the
data byte.
13
TAR0
1111
IN then Float
In this clock cycle, the host has driven the bus to
all ‘1’s and then floats the bus. This is the first
part of the bus “turnaround cycle.”
14
TAR1
1111 (float)
Float then
OUT
The SST49LF080A takes control of the bus dur-
ing this cycle.
15
SYNC
0000
OUT
The SST49LF080A outputs the values 0000, indicat-
ing that it has received data or a flash command.
16
TAR0
1111
OUT then
Float
In this clock cycle, the SST49LF080A has driven
the bus to all ‘1’s and then floats the bus. This is
the first part of the bus “turnaround cycle.”
17
TAR1
1111 (float)
Float then IN
Host resumes control of the bus during this cycle.
T6.0 25026
1. Field contents are valid on the rising edge of the present clock cycle.
1235 F05.0
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
A[3:0]
A[7:4]
A[11:8]
A[15:12]
1111b
Tri-State
2Clocks
TAR0
Load Address in 8 Clocks
Address
1Clock
1Clock
Start
CYCTYPE
+
DIR
TAR
1Clock
Sync
Data
Load Data in 2 Clocks
0000b
D[7:4]
D[3:0]
LCLK
CE#
A[31:28] A[27:24]
Data
TAR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com