Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 14 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology SST49LF080A Datasheet HTML 17Page - Microchip Technology SST49LF080A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
14
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Toggle Bit
During the internal Program or Erase operation, any consecutive attempts to read D[6] will produce
alternating 0s and 1s, i.e., toggling between 0 and 1. When the internal Program or Erase operation is
completed, the toggling will stop.
Multiple Device Selection
Multiple LPC flash devices may be strapped to increase memory densities in a system. The four ID
pins, ID[3:0], allow up to 16 devices to be attached to the same bus by using different ID strapping in a
system. BIOS support, bus loading, or the attaching bridge may limit this number. The boot device
must have an ID of 0 (determined by ID[3:0]); subsequent devices use incremental numbering. Equal
density must be used with multiple devices.
When used as a boot device, ID[3:0] must be strapped as 0000; all subsequent devices should use a
sequential up-count strapping (i.e. 0001, 0010, 0011, etc.). With the hardware strapping, ID informa-
tion is included in every LPC address memory cycle. The ID bits in the address field are inverse of the
hardware strapping. The address bits [A24:A23,A21:A20] are used to select the device with proper IDs.
See Table 7 for IDs. The SST49LF080A will compare these bits with ID[3:0]’s strapping values. If there
is a mismatch, the device will ignore the remainder of the cycle.
Table 7: Multiple Device Selection Configuration
Device #
Hardware Strapping
Address Bits Decoding
ID[3:0]
A24
A23
A21
A20
0 (Boot device)
0000
1
1
1
1
1
0001
1
1
1
0
2
0010
1
1
0
1
3
0011
1
1
0
0
4
0100
1
0
1
1
5
0101
1
0
1
0
6
0110
1
0
0
1
7
0111
1
0
0
0
8
1000
0
1
1
1
9
1001
0
1
1
0
10
1010
0
1
0
1
11
1011
0
1
0
0
12
1100
0
0
1
1
13
1101
0
0
1
0
14
1110
0
0
0
1
15
1111
0
0
0
0
T7.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com