Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 15 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology SST49LF080A Datasheet HTML 17Page - Microchip Technology SST49LF080A Datasheet HTML 18Page - Microchip Technology SST49LF080A Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
15
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Registers
There are two registers available on the SST49LF080A, the General Purpose Inputs Registers
(GPI_REG) and the JEDEC ID Registers. Since multiple LPC memory devices may be used to
increase memory densities, these registers appear at its respective address location in the 4 GByte
system memory map. Unused register locations will read as 00H. Any attempt to read registers during
internal Write operation will respond as “Write operation status detection” (Data# Polling or Toggle Bit).
Any attempt to write any registers during internal Write operation will be ignored. Table 9 lists
GPI_REG and JEDEC ID address locations for SST49LF080A with its respective device strapping.
Table 8: General Purpose Inputs Register
Bit
Function
Pin #
32-PLCC
32-TSOP
7:5
Reserved
-
-
4
GPI[4]
Reads status of general
purpose input pin
30
6
3
GPI[3]
Reads status of general
purpose input pin
311
2
GPI[2]
Reads status of general
purpose input pin
412
1
GPI[1]
Reads status of general
purpose input pin
513
0
GPI[0]
Reads status of general
purpose input pin
614
T8.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com