Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 30 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 30 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 26Page - Microchip Technology SST49LF080A Datasheet HTML 27Page - Microchip Technology SST49LF080A Datasheet HTML 28Page - Microchip Technology SST49LF080A Datasheet HTML 29Page - Microchip Technology SST49LF080A Datasheet HTML 30Page - Microchip Technology SST49LF080A Datasheet HTML 31Page - Microchip Technology SST49LF080A Datasheet HTML 32Page - Microchip Technology SST49LF080A Datasheet HTML 33Page - Microchip Technology SST49LF080A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
30
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 14:Reset Timing Diagram (LPC Mode)
Table 19: Reset Timing Parameters, VDD=3.0-3.6V (LPC Mode)
Symbol
Parameter
Min
Max
Units
TPRST
VDD stable to Reset Low
1
ms
TKRST
Clock Stable to Reset Low
100
µs
TRSTP
RST# Pulse Width
100
ns
TRSTF
RST# Low to Output Float
48
ns
TRST1
RST# High to LFRAME# Low
1
µs
TRSTE
RST# Low to reset during Sector-/Block-Erase or Pro-
gram
10
µs
T19.0 25026
1. There may be additional latency due toTRSTE if a reset procedure is performed during a Program or Erase operation.
CLK
VDD
RST#/INIT#
LFRAME#
LAD[3:0]
1235 F13.0
TPRST
TKRST
TRSTP
TRSTF
TRSTE
Sector-/Block-Erase
or Program operation
aborted
TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com