Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 7 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 3Page - Microchip Technology SST49LF080A Datasheet HTML 4Page - Microchip Technology SST49LF080A Datasheet HTML 5Page - Microchip Technology SST49LF080A Datasheet HTML 6Page - Microchip Technology SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
7
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capacitor to be placed as close as possible
between VDD and VSS less than 1 cm away from the VDD pin of the device. Additionally, a low fre-
quency 4.7 µF electrolytic capacitor from VDD to VSS should be placed within 5 cm of the VDD pin. If you
use a socket for programming purposes add an additional 1-10 µF next to each socket.
Product Identification
The Product Identification mode identifies the device as the SST49LF080A and manufacturer as SST.
Mode Selection
The SST49LF080A flash memory devices can operate in two distinct interface modes: the LPC mode
and the Parallel Programming (PP) mode. The mode pin is used to set the interface mode selection. If
the mode pin is set to logic High, the device is in PP mode. If the mode pin is set Low, the device is in
the LPC mode. The mode selection pin must be configured prior to device operation. The mode pin is
internally pulled down if the pin is left unconnected. In LPC mode, the device is configured to its host
using standard LPC interface protocol. Communication between Host and the SST49LF080A occurs
via the 4-bit I/O communication signals, LAD [3:0] and LFRAME#. In PP mode, the device is pro-
grammed via an 11-bit address and an 8-bit data I/O parallel signals. The address inputs are multi-
plexed in row and column selected by control signal R/C# pin. The row addresses are mapped to the
lower internal addresses (A10-0), and the column addresses are mapped to the higher internal
addresses (AMS-11). See Figure 4, the Device Memory Map, for address assignments.
Table 2: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST49LF080A
0001H
5BH
T2.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com