Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 28 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 24Page - Microchip Technology SST49LF080A Datasheet HTML 25Page - Microchip Technology SST49LF080A Datasheet HTML 26Page - Microchip Technology SST49LF080A Datasheet HTML 27Page - Microchip Technology SST49LF080A Datasheet HTML 28Page - Microchip Technology SST49LF080A Datasheet HTML 29Page - Microchip Technology SST49LF080A Datasheet HTML 30Page - Microchip Technology SST49LF080A Datasheet HTML 31Page - Microchip Technology SST49LF080A Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
28
8 Mbit LPC Flash
SST49LF080A
Data Sheet
DC Characteristics
Table 14: DC Operating Characteristics (All Interfaces)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD1
1. IDD active while a Read or Write (Program or Erase) operation is in progress.
Active VDD Current
LCLK (LPC mode) and Address Input (PP
mode)
=VILT/VIHT
at f=33 MHz (LPC mode) or 1/TRC min (PP Mode)
All other inputs=VIL or VIH
Read
12
mA
All outputs = open, VDD=VDD Max
Write
24
mA
See Note2
2. For PP Mode: OE# = WE# =
VIH; For LPC Mode:f=1/TRC min, LFRAME# = VIH, CE# = VIL.
ISB
Standby VDD Current
(LPC Interface)
100
µA
LCLK (LPC mode) and Address Input (PP
mode)
=VILT/VIHT
at f=33 MHz (LPC mode) or 1/TRC min (PP Mode)
LFRAME#=0.9 VDD, f=33 MHz, CE#=0.9 VDD,
VDD=VDD Max, All other inputs  0.9 VDD or  0.1
VDD
IRY3
3. The device is in Ready mode when no activity is on the LPC bus.
Ready Mode VDD Cur-
rent
(LPC Interface)
10
mA
LCLK (LPC mode) and Address Input (PP
mode)
=VILT/VIHT
at f=33 MHz (LPC mode) or 1/TRC min (PP Mode)
LFRAME#=VIL, f=33 MHz, VDD=VDD Max
All other inputs
 0.9 V
DD or  0.1 VDD
II
Input Current for Mode
and ID[3:0] pins
200
µA
VIN=GND to VDD,VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD,VDD=VDD Max
ILO
Output Leakage Cur-
rent
1µA
VOUT=GND to VDD,VDD=VDD Max
VIHI
INIT# Input High Volt-
age
1.1
VDD+0.
5
VVDD=VDD Max
VILI
INIT# Input Low Volt-
age
-0.5
0.4
V
VDD=VDD Min
VIL
Input Low Voltage
-0.5
0.3 VDD
VVDD=VDD Min
VIH
Input High Voltage
0.5
VDD
VDD+0.
5
VVDD=VDD Max
VOL
Output Low Voltage
0.1 VDD
VIOL=1500 µA, VDD=VDD Min
VOH
Output High Voltage
0.9
VDD
VIOH=-500 µA, VDD=VDD Min
T14.0 25026
Table 15: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T15.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com