Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 33 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 29Page - Microchip Technology SST49LF080A Datasheet HTML 30Page - Microchip Technology SST49LF080A Datasheet HTML 31Page - Microchip Technology SST49LF080A Datasheet HTML 32Page - Microchip Technology SST49LF080A Datasheet HTML 33Page - Microchip Technology SST49LF080A Datasheet HTML 34Page - Microchip Technology SST49LF080A Datasheet HTML 35Page - Microchip Technology SST49LF080A Datasheet HTML 36Page - Microchip Technology SST49LF080A Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
33
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Table 23: Read Cycle Timing Parameters, VDD=3.0-3.6V (PP Mode)
Symbol
Parameter
Min
Max
Units
TRC
Read Cycle Time
270
ns
TRST
RST# High to Row Address Setup
1
µs
TAS
R/C# Address Set-up Time
45
ns
TAH
R/C# Address Hold Time
45
ns
TAA
Address Access Time
120
ns
TOE
Output Enable Access Time
60
ns
TOLZ
OE# Low to Active Output
0
ns
TOHZ
OE# High to High-Z Output
35
ns
TOH
Output Hold from Address Change
0
ns
T23.0 25026
Table 24: Program/Erase Cycle Timing Parameters, VDD=3.0-3.6V (PP Mode)
Symbol
Parameter
Min
Max
Units
TRST
RST# High to Row Address Setup
1
µs
TAS
R/C# Address Setup Time
50
ns
TAH
R/C# Address Hold Time
50
ns
TCWH
R/C# to Write Enable High Time
50
ns
TOES
OE# High Setup Time
20
ns
TOEH
OE# High Hold Time
20
ns
TOEP
OE# to Data# Polling Delay
40
ns
TOET
OE# to Toggle Bit Delay
40
ns
TWP
WE# Pulse Width
100
ns
TWPH
WE# Pulse Width High
100
ns
TDS
Data Setup Time
50
ns
TDH
Data Hold Time
5
ns
TIDA
Software ID Access and Exit Time
150
ns
TBP
Byte Programming Time
20
µs
TSE
Sector-Erase Time
25
ms
TBE
Block-Erase Time
25
ms
TSCE
Chip-Erase Time
100
ms
T24.0 25026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com