Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 18 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology SST49LF080A Datasheet HTML 16Page - Microchip Technology SST49LF080A Datasheet HTML 17Page - Microchip Technology SST49LF080A Datasheet HTML 18Page - Microchip Technology SST49LF080A Datasheet HTML 19Page - Microchip Technology SST49LF080A Datasheet HTML 20Page - Microchip Technology SST49LF080A Datasheet HTML 21Page - Microchip Technology SST49LF080A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
18
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Chip-Erase Operation
The SST49LF080A devices provide a Chip-Erase operation, which allows the user to erase the entire
memory array to the “1s” state. This is useful when the entire device must be quickly erased.
The Chip-Erase operation is initiated by executing a six- byte Software Data Protection command
sequence with Chip-Erase command (10H) with address 5555H in the last byte sequence. The internal
Erase operation begins with the rising edge of the sixth WE#. During the internal Erase operation, the
only valid read is Toggle Bit or Data# Polling. See Table 11 for the command sequence, Figure 25 for
Chip-Erase timing diagram, and Figure 37 for the flowchart. Any commands written during the Chip-
Erase operation will be ignored.
Write Operation Status Detection
The SST49LF080A devices provide two software means to detect the completion of a Write (Program
or Erase) cycle, in order to optimize the system Write cycle time. The software detection includes two
status bits: Data# Polling D[7] and Toggle Bit D[6]. The End-of-Write detection mode is enabled after
the rising edge of WE# which initiates the internal Program or Erase operation.
The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a
Data# Polling or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this
occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with
either D[7] or D[6]. In order to prevent spurious rejection, if an erroneous result occurs, the software
routine should include a loop to read the accessed location an additional two (2) times. If both reads
are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
Data# Polling (DQ7)
When the SST49LF080A device is in the internal Program operation, any attempt to read DQ7 will pro-
duce the complement of the true data. Once the Program operation is completed, DQ7 will produce
true data. Note that even though DQ7 may have valid data immediately following the completion of an
internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data
bus will appear in subsequent successive Read cycles after an interval of 1 µs. During internal Erase
operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase operation is completed,
DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# pulse for Program
operation. For Sector-, Block-, or Chip-Erase, the Data# Polling is valid after the rising edge of sixth
WE# pulse. See Figure 20 for Data# Polling timing diagram and Figure 35 for a flowchart. Proper sta-
tus will not be given using Data# Polling if the address is in the invalid range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com