Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 47 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 47 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 42Page - Microchip Technology SST49LF080A Datasheet HTML 43Page - Microchip Technology SST49LF080A Datasheet HTML 44Page - Microchip Technology SST49LF080A Datasheet HTML 45Page - Microchip Technology SST49LF080A Datasheet HTML 46Page - Microchip Technology SST49LF080A Datasheet HTML 47Page - Microchip Technology SST49LF080A Datasheet HTML 48Page - Microchip Technology SST49LF080A Datasheet HTML 49Page - Microchip Technology SST49LF080A Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
47
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Product Ordering Information
Valid combinations for SST49LF080A
SST49LF080A-33-4C-WHE
SST49LF080A-33-4C-NHE
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST
sales representative to confirm availability of valid combinations and to determine availability of new combi-
nations.
SST
49
LF
080A
-
33
-
4C
-
NHE
XX
XX
XXXX
-
XX
-
XX
-
XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
H = 32 leads
Package Type
N = PLCC
W = TSOP (type 1, die up, 8mm x
14mm)
Operating Temperature
C = Commercial = 0°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Serial Access Clock Frequency
33 = 33 MHz
Version
Device Density
080 = 8 Mbit
Voltage Range
L = 3.0-3.6V
1. Environmental suffix “E” denotes non-Pb sol-
der. SST non-Pb solder devices are “RoHS
Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com