Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 31 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 31 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 27Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 28Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 29Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 30Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 31Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 32Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 33Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 31
LAN8741A/LAN8741Ai
3.7.2
MODE[2:0]: MODE CONFIGURATION
The MODE[2:0] configuration straps control the configuration of the 10/100 digital block. When the nRST pin is deas-
serted, the register bit values are loaded according to the MODE[2:0] configuration straps. The 10/100 digital block is
then configured by the register bit values. When a soft reset occurs via the Soft Reset bit of the Basic Control Register,
the configuration of the 10/100 digital block is controlled by the register bit values and the MODE[2:0] configuration
straps have no affect.
The device’s mode may be configured using the hardware configuration straps as summarized in Table 3-6. The user
may configure the transceiver mode by writing the SMI registers.
The MODE[2:0] hardware configuration pins are multiplexed with other signals as shown in Table 3-7.
TABLE 3-6:
MODE[2:0] BUS
MODE[2:0]
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]
000
10BASE-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10BASE-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100BASE-TX Half Duplex. Auto-negotiation disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100BASE-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100BASE-TX Half Duplex is advertised. Auto-negoti-
ation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled.
100BASE-TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
110
Power-Down mode. In this mode the transceiver will
wake-up in Power-Down mode. The transceiver can-
not be used when the MODE[2:0] bits are set to this
mode. To exit this mode, the MODE bits in Register
18.7:5 (see Section 4.2.14, "Special Modes Register")
must be configured to some other value and a soft
reset must be issued.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
TABLE 3-7:
PIN NAMES FOR MODE BITS
MODE Bit
Pin Name
MODE[0]
RXD0/MODE0
MODE[1]
RXD1/MODE1
MODE[2]
COL/CRS_DV/MODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com