Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 66Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 67Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 68Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 69Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 70Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 71Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 72Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 73Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 70
2013-2015 Microchip Technology Inc.
4.3.5
EEE CAPABILITY REGISTER
Note 1: The default value of this field is determined by the value of the PHY Energy Efficient Ethernet Enable (PHY-
EEEEN) of the EDPD NLP/Crossover Time/EEE Configuration Register. If PHY Energy Efficient Ethernet
Enable (PHYEEEEN) is 0b, this field is 0b and 100BASE-TX EEE capability is not supported. If PHY Energy
Efficient Ethernet Enable (PHYEEEEN) is 1b, then this field is 1b and 100BASE-TX EEE capability is sup-
ported.
Index (In Decimal):
3.20
Size:
16 bits
Bits
Description
Type
Default
15:7
RESERVED
RO
-
6
10GBASE-KR EEE
0 = EEE is not supported for 10GBASE-KR.
1 = EEE is supported for 10GBASE-KR.
Note:
The device does not support this mode.
RO
0b
5
10GBASE-KX4 EEE
0 = EEE is not supported for 10GBASE-KX4.
1 = EEE is supported for 10GBASE-KX4.
Note:
The device does not support this mode.
RO
0b
4
10GBASE-KX EEE
0 = EEE is not supported for 10GBASE-KX.
1 = EEE is supported for 10GBASE-KX.
Note:
The device does not support this mode.
RO
0b
3
10GBASE-T EEE
0 = EEE is not supported for 10GBASE-T.
1 = EEE is supported for 10GBASE-T.
Note:
The device does not support this mode.
RO
0b
2
1000BASE-T EEE
0 = EEE is not supported for 1000BASE-T.
1 = EEE is supported for 1000BASE-T.
Note:
The device does not support this mode.
RO
0b
1
100BASE-TX EEE
0 = EEE is not supported for 100BASE-TX.
1 = EEE is supported for 100BASE-TX.
RO
(see Note 1)
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com