Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 4Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 5Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 6Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 9Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 10Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 11Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 8
2013-2015 Microchip Technology Inc.
1
Receive
Data 0
RXD0
VO8
Bit 0 of the 4 (2 in RMII mode) data bits that are
sent by the transceiver on the receive path.
PHY Operat-
ing Mode 0
Configuration
Strap
MODE0
VIS
(PU)
Combined with MODE1 and MODE2, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 4 (2 in RMII mode) data bits that are
sent by the transceiver on the receive path.
PHY Operat-
ing Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
1
Receive
Data 2
(MII Mode)
RXD2
VO8
Bit 2 of the 4 (in MII mode) data bits that are sent by
the transceiver on the receive path.
Note:
This signal is not used in RMII mode.
MII/RMII Mode
Select Configu-
ration Strap
RMIISEL
VIS
(PD)
This configuration strap selects the MII or RMII
mode of operation. When strapped low to VSS, MII
mode is selected. When strapped high to VDDIO
RMII mode is selected.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.3, "RMIISEL:
MII/RMII Mode Configuration" for addi-
tional details.
1
Receive
Data 3
(MII Mode)
RXD3
VO8
Bit 3 of the 4 (in MII mode) data bits that are sent by
the transceiver on the receive path.
Note:
This signal is not used in RMII mode.
PHY Address 2
Configuration
Strap
PHYAD2
VIS
(PD)
Combined with PHYAD0 and PHYAD1, this config-
uration strap sets the transceiver’s SMI address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration" for addi-
tional information.
TABLE 2-1:
MII/RMII SIGNALS (CONTINUED)
Num Pins
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com