Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 6Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 9Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 10Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 11Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 12Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 13Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 10
2013-2015 Microchip Technology Inc.
Note 1: Configuration strap values are latched on power-on reset and system reset. Configuration straps are iden-
tified by an underlined symbol name. Signals that function as configuration straps must be augmented with
an external resistor when connected to a load. Refer to Section 3.7, "Configuration Straps" for additional
information.
1
Carrier Sense
(MII Mode)
CRS
VO8
(PD)
This signal indicates detection of a carrier in MII
mode.
TABLE 2-2:
LED PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
LED 1
LED1
O12
Link activity LED indication. This pin is driven active
when a valid link is detected and blinks when activ-
ity is detected.
Note:
Refer to Section 3.8.1, "LEDs" for addi-
tional LED information.
Regulator Off
Configuration
Strap
REGOFF
IS
(PD)
This configuration strap is used to disable the inter-
nal 1.2 V regulator. When the regulator is disabled,
external 1.2 V must be supplied to VDDCR.
• When REGOFF is pulled high to VDD2A with
an external resistor, the internal regulator is
disabled.
• When REGOFF is floating or pulled low, the
internal regulator is enabled (default).
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.4, "REGOFF: Inter-
nal +1.2 V Regulator Configuration" for
additional details.
1
LED 2
LED2
O12
Link speed LED indication. This pin is driven active
when the operating speed is 100 Mbps. It is
inactive when the operating speed is 10 Mbps or
during line isolation.
Note:
Refer to Section 3.8.1, "LEDs" for addi-
tional LED information.
nINT/TXER/
TXD4 Function
Select Configu-
ration Strap
nINTSEL
IS
(PU)
This configuration strap selects the mode of the
nINT/TXER/TXD4 pin.
• When nINTSEL is floated or pulled to VDD2A,
nINT is selected for operation on the
nINT/TXER/TXD4 pin (default).
• When nINTSEL is pulled low to VSS,
TXER/TXD4 is selected for operation on the
nINT/TXER/TXD4 pin.
See Note 1 for more information on configuration
straps.
Note:
Refer to See Section 3.8.1.2, "nINTSEL
and LED2 Polarity Selection" for addi-
tional information.
TABLE 2-1:
MII/RMII SIGNALS (CONTINUED)
Num Pins
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com