Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 81Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 82Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 83Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 84Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 85Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 86Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 87Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 88Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 85
LAN8741A/LAN8741Ai
5.5
DC Specifications
Table 5-4 details the non-variable I/O buffer characteristics. These buffer types do not support variable voltage opera-
tion. Table 5-5 details the variable voltage I/O buffer characteristics. Typical values are provided for 1.8 V, 2.5 V, and 3.3
V VDDIO cases.
Note 1: This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up resis-
tors add ±50 µA per-pin (typical).
2: XTAL1/CLKIN can optionally be driven from a 25 MHz single-ended clock oscillator.
TABLE 5-4:
NON-VARIABLE I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
1.01
1.39
336
-10
1.19
1.59
399
3.6
1.39
1.79
459
10
2
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
(see Note 1)
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD2A - 0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
ICLK Type Buffer
(XTAL1 Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
VDDCR-0.35
0.35
3.6
V
V
(see Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com