Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 100 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 100 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 96Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 97Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 98Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 99Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 100Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 101Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 102Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 103Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 100
 2013-2015 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision A
(09-07-15)
Replaces the previous SMSC version Rev. 1.1
• Added Note and Trademark page
• Added Worldwide Sales and Services page
• Added Product Identification System
• Changed ‘QFN’ to ‘VQFN’
Chapter 2, "Pin Description and
Configuration"
• Figure 2-1: rotated 90° cw
• Table 2-3, “Serial Management Interface (SMI)
Pins”: Changed “VIS/VOD8 (PU)” to “VIS/VO8
(PU)”
Section 4.1, "Register Nomenclature"
Table 4-1, “Register Bit Types”, register bit
description for byte type notification ‘W’: Changed
“read” to ‘written”
Section 5.6.4, "RMII Interface Timing"
Updated RMII timing table: Updated REF_CLK In
mode toval max from “14.0 ns” to “15.0 ns”
Section 5.7, "Clock Circuit"
Added new 100 µW crystal specifications and circuit
diagram. The section is now split into two
subsections, one for 300 µW crystals and the other
for 100 µW crystals.
Chapter 6, "Package Outline"
Updated package outline drawing information
Rev. 1.1
(05-21-13)
General
• Changed part numbers from
“LAN8741/LAN8741i” to
“LAN8741A/LAN8741Ai”
• Updated ordering information
• Updated figures
Cover
Added new bullet under Highlights section:
“Deterministic 100 Mb internal loopback latency (MII
Mode)”
Chapter 2, "Pin Description and
Configuration", Table 2-1, “MII/RMII
Signals”
Changed buffer type from “VIS (PU)” to “VIS”
Chapter 2, "Pin Description and
Configuration", Table 2-3, “Serial
Management Interface (SMI) Pins”
• Added pull-up to MDIO buffer type description
• Changed “VIS/VOD8 (PU)” to “VIS/VO8 (PU)”
Section 3.3, "HP Auto-MDIX Support"
Changed “100BASE-T” to “100BASE-TX”
Section 3.4.2.1, "CRS_DV - Carrier
Sense/Receive Data Valid"
Changed “100BASE-X” to “100BASE-TX”
Section 3.5, "Serial Management
Interface (SMI)"
Removed sentence stating “Non-supported registers
(such as 7 to 15) will be read as hexadecimal
“FFFF”.
Section 3.8.10.1, "Near-end Loopback" Added cross-reference to 100 Mbps internal
loopback timing section
Section 4.2.2, "Basic Status Register"
Updated definitions of bits 10:8
Section 4.2.16, "Special Control/Status
Indications Register"
Updated bit 11 definition
Section 4.2.19, "PHY Special
Control/Status Register"
Updated bit 6 definition
Section 4.3, "MDIO Manageable Device
(MMD) Registers"
Added additional vendor specific MMD register
descriptions
Chapter 5, "Operational
Characteristics"
Removed section “Power Sequence Timing”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com