Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 98Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 99Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 100Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 101Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 102Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 103Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 104Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 105Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 106Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 104
 2013-2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN8741A
Temperature
Range:
Blank = 0°C to +70°C
i
= -40°C to +85°C
Package:
EN = VQFN (32-pin)
Tape and Reel
Option:
Blank = Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
LAN8741A-EN
0°C to +70°C,
(32-pin),
Tray
b)
LAN8741Ai-EN
-40°C to +85°C,
(32-pin),
Tray
c)
LAN8741A-EN-TR
0°C to +70°C,
(32-pin),
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 5,000.
PART NO.
Device
[X]
Temperature
Range
XX
Package
[XX](1)
Tape and
Reel Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com