Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 13Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 14Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 15Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 16Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 17Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 18Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 19Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 20Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 17
LAN8741A/LAN8741Ai
3.1.1.3
Scrambling
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large narrow-band
peaks. Scrambling the data helps eliminate these peaks and spread the signal power more uniformly over the entire
channel bandwidth. This uniform spectral density is required by FCC regulations to prevent excessive EMI from being
radiated by the physical wiring.
The seed for the scrambler is generated from the transceiver address, PHYAD, ensuring that in multiple-transceiver
applications, such as repeaters or switches, each transceiver will have its own scrambler sequence.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
3.1.1.4
NRZI and MLT-3 Encoding
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a serial 125 MHz NRZI
data stream. The NRZI is encoded to MLT-3. MLT-3 is a tri-level code where a change in the logic level represents a
code bit “1” and the logic output remaining at the same level represents a code bit “0”.
3.1.1.5
100M Transmit Driver
The MLT3 data is then passed to the analog transmitter, which drives the differential MLT-3 signal, on outputs TXP and
TXN, to the twisted pair media across a 1:1 ratio isolation transformer. The 10BASE-T and 100BASE-TX signals pass
through the same transformer so that common “magnetics” can be used for both. The transmitter drives into the 100 Ω
impedance of the CAT-5 cable. Cable termination and impedance matching require external components.
3.1.1.6
100M Phase Lock Loop (PLL)
The 100M PLL locks onto reference clock and generates the 125 MHz clock used to drive the 125 MHz logic and the
100BASE-TX transmitter.
3.1.2
100BASE-TX RECEIVE
The 100BASE-TX receive data path is shown in Figure 3-2. Each major block is explained in the following subsections.
FIGURE 3-2:
100BASE-TX RECEIVE DATA PATH
MAC
A/D
Converter
MLT-3
Converter
NRZI
Converter
4B/5B
Decoder
Magnetics
CAT-5
RJ45
PLL
MII 25 MHz by 4 bits
or
RMII 50 MHz by 2 bits
RX_CLK
(for MII only)
25 MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
6 bit Data
Descrambler
and SIPO
125 Mbps Serial
DSP: Timing
recovery, Equalizer
and BLW Correction
MLT-3
MII/RMII
25 MHz
by 4 bits
Ext Ref_CLK (for RMII only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com