Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 5Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 6Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 9Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 10Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 11Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 12Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 9
LAN8741A/LAN8741Ai
1
Receive Error
RXER
VO8
This signal is asserted to indicate that an error was
detected somewhere in the frame presently being
transferred from the transceiver. This signal is also
used in EEE mode as RXER when RXDV = 1, and
as LPI when RXDV = 0.
Note:
This signal is optional in RMII mode.
Receive
Data 4
(MII Mode)
RXD4
VO8
In Symbol Interface (5B decoding) mode, this sig-
nal is the MII Receive Data 4 signal, the MSB of the
received 5-bit symbol code-group.
Note:
Unless configured to the Symbol Inter-
face mode, this pin functions as RXER.
PHY Address 0
Configuration
Strap
PHYAD0
VIS
(PD)
Combined with PHYAD1 and PHYAD2, this config-
uration strap sets the transceiver’s SMI address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration" for addi-
tional information.
1
Receive Clock
(MII Mode)
RXCLK
VO8
In MII mode, this pin is the receive clock output.
• MII (100BASE-TX): 25 MHz
• MII (10BASE-T): 2.5 MHz
PHY Address 1
Configuration
Strap
PHYAD1
VIS
(PD)
Combined with PHYAD0 and PHYAD2, this config-
uration strap sets the transceiver’s SMI address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration" for addi-
tional information.
1
Receive Data
Valid
RXDV
VO8
Indicates that recovered and decoded data is avail-
able on the RXD pins.
1
Collision Detect
(MII Mode)
COL
VO8
This signal is asserted to indicate detection of a
collision condition in MII mode.
Carrier Sense /
Receive Data
Valid
(RMII Mode)
CRS_DV
VO8
This signal is asserted to indicate the receive
medium is non-idle in RMII mode. When a
10BASE-T packet is received, CRS_DV is
asserted, but RXD[1:0] is held low until the SFD
byte (10101011) is received.
Note:
Per the RMII standard, transmitted data
is not looped back onto the receive data
pins in 10BASE-T half-duplex mode.
PHY Operat-
ing Mode 2
Configuration
Strap
MODE2
VIS
(PU)
Combined with MODE0 and MODE1, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
TABLE 2-1:
MII/RMII SIGNALS (CONTINUED)
Num Pins
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com