Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 30Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 31Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 32Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 33Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 35Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 36Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 37Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 34
2013-2015 Microchip Technology Inc.
3.8.1.2
nINTSEL and LED2 Polarity Selection
The nINTSEL configuration strap is shared with the LED2 pin. The LED2 output will automatically change polarity based
on the presence of an external pull-down resistor. If the LED2 pin is pulled high to VDD2A to select a logical high for
nINTSEL, then the LED2 output will be active low. If the LED2 pin is pulled low by an external pull-down resistor to select
a logical low for nINTSEL, the LED2 output will then be an active high output. Figure 3-8 details the LED2 polarity for
each nINTSEL configuration.
3.8.2
VARIABLE VOLTAGE I/O
The device’s digital I/O pins are variable voltage, allowing them to take advantage of low power savings from shrinking
technologies. These pins can operate from a low I/O voltage of +1.8 V up to +3.3 V. The applied I/O voltage must main-
tain its value with a tolerance of ±10%. Varying the voltage up or down after the transceiver has completed power-on
reset can cause errors in the transceiver operation. Refer to Chapter 5, "Operational Characteristics" for additional infor-
mation.
3.8.3
POWER-DOWN MODES
There are two device power-down modes: General Power-Down Mode and Energy Detect Power-Down Mode. These
modes are described in the following subsections.
3.8.3.1
General Power-Down
This power-down mode is controlled via the Power Down bit of the Basic Control Register. In this mode, the entire trans-
ceiver (except the management interface) is powered-down and remains in this mode as long as the Power Down bit is
“1”. When the Power Down bit is cleared, the transceiver powers up and is automatically reset.
3.8.3.2
Energy Detect Power-Down (EDPD)
This power-down mode is activated by setting the EDPWRDOWN bit of the Mode Control/Status Register. In this mode,
when no energy is present on the line the transceiver is powered down (except for the management interface, the
SQUELCH circuit, and the ENERGYON logic). The ENERGYON logic is used to detect the presence of valid energy
from 100BASE-TX, 10BASE-T, or Auto-negotiation signals.
In this mode, when the ENERGYON bit of the Mode Control/Status Register is low, the transceiver is powered-down
and nothing is transmitted. When energy is received via link pulses or packets, the ENERGYON bit goes high and the
transceiver powers-up. The device automatically resets into the state prior to power-down and asserts the nINT interrupt
if the ENERGYON interrupt is enabled in the Interrupt Mask Register. The first and possibly the second packet to acti-
vate ENERGYON may be lost.
When the EDPWRDOWN bit of the Mode Control/Status Register is low, energy detect power-down is disabled.
FIGURE 3-8:
LED2/nINTSEL POLARITY CONFIGURATION
Note:
Refer to Section 3.7.5, "nINTSEL: nINT/TXER/TXD4 Configuration" for additional information on the nINT-
SEL configuration strap.
Note:
Input signals must not be driven high before power is applied to the device.
~270
nINTSEL = 0
LED output = Active High
10K
~270
VDD2A
nINTSEL = 1
LED output = Active Low
LED2/nINTSEL
LED2/nINTSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com