Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 33Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 35Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 36Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 37Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 38Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 39Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 40Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 37
LAN8741A/LAN8741Ai
3.8.10
LOOPBACK OPERATION
The device may be configured for near-end loopback and far loopback. These loopback modes are detailed in the fol-
lowing subsections.
3.8.10.1
Near-end Loopback
Near-end loopback mode sends the digital transmit data back out the receive data signals for testing purposes, as indi-
cated by the blue arrows in Figure 3-9. The near-end loopback mode is enabled by setting the Loopback bit of the Basic
Control Register to “1”. A large percentage of the digital circuitry is operational in near-end loopback mode because data
is routed through the PCS and PMA layers into the PMD sublayer before it is looped back. The COL signal will be inac-
tive in this mode, unless Collision Test is enabled in the Basic Control Register. The transmitters are powered down
regardless of the state of TXEN. Refer to Section 5.6.3.1, "100 Mbps Internal Loopback MII Timing" for additional loop-
back timing information.
3.8.10.2
Far Loopback
Far loopback is a special test mode for MDI (analog) loopback as indicated by the blue arrows in Figure 3-10. The far
loopback mode is enabled by setting the FARLOOPBACK bit of the Mode Control/Status Register to “1”. In this mode,
data that is received from the link partner on the MDI is looped back out to the link partner. The digital interface signals
on the local MAC interface are isolated.
FIGURE 3-9:
NEAR-END LOOPBACK BLOCK DIAGRAM
Note:
This special test mode is only available when operating in RMII mode.
FIGURE 3-10:
FAR LOOPBACK BLOCK DIAGRAM
Microchip
Ethernet Transceiver
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
X
X
Far-end system
Microchip
Ethernet Transceiver
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
Link
Partner
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com