Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 93 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 93 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 89Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 90Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 91Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 92Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 93Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 94Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 95Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 96Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 93
LAN8741A/LAN8741Ai
5.6.4.1
RMII CLKIN Requirements
5.6.5
SMI TIMING
This section specifies the SMI timing of the device. Please refer to Section 3.5, "Serial Management Interface (SMI)" for
additional details.
TABLE 5-13:
RMII CLKIN (REF_CLK) TIMING VALUES
Parameter
Min.
Typ.
Max.
Unit
Note
CLKIN frequency
50
MHz
CLKIN Frequency Drift
±50
ppm
CLKIN Duty Cycle
40
60
%
CLKIN Jitter
150
ps
p-p – not RMS
FIGURE 5-7:
SMI TIMING
TABLE 5-14:
SMI TIMING VALUES
Symbol
Description
Min.
Max.
Unit
tclkp
MDC period
400
ns
tclkh
MDC high time
160 (80%)
ns
tclkl
MDC low time
160 (80%)
ns
tval
MDIO (read from PHY) output valid from rising edge of MDC
300
ns
toinvld
MDIO (read from PHY) output invalid from rising edge of MDC
0
ns
tsu
MDIO (write to PHY) setup time to rising edge of MDC
10
ns
tihold
MDIO (write to PHY) input hold time after rising edge of MDC
10
ns
MDC
MDIO
tclkh
tclkl
tclkp
toinvld
MDIO
tsu tihold
(Data-Out)
(Data-In)
toinvld
tval
(INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com